Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 75 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 71Page - ATMEL Corporation ATtiny43U Datasheet HTML 72Page - ATMEL Corporation ATtiny43U Datasheet HTML 73Page - ATMEL Corporation ATtiny43U Datasheet HTML 74Page - ATMEL Corporation ATtiny43U Datasheet HTML 75Page - ATMEL Corporation ATtiny43U Datasheet HTML 76Page - ATMEL Corporation ATtiny43U Datasheet HTML 77Page - ATMEL Corporation ATtiny43U Datasheet HTML 78Page - ATMEL Corporation ATtiny43U Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 182 page
background image
75
8048B–AVR–03/09
PCINT10: Pin Change Interrupt source 10. The PB2 pin can serve as an external interrupt
source for pin change interrupt 1.
• Port B, Bit 3 – T1/CLKO/PCINT11
T1: Timer/Counter1 Counter source.
CLKO: System Clock Output. The system clock can be output on the PB3 pin. The system clock
will be output if the CKOUT Fuse is programmed, regardless of the PORTB3 and DDB3 settings.
It will also be output during reset.
PCINT11: Pin Change Interrupt source 11. The PB3 pin can serve as an external interrupt
source for pin change interrupt 1.
• Port B, Bit 4 – DI/SDA/OC1A/PCINT12
DI: Data Input in USI Three-wire mode. USI Three-wire mode does not override normal port
functions, so pin must be configure as an input for DI function.
SDA: Two-wire mode Serial Interface Data.
OC1A, Output Compare Match output: The PB4 pin can serve as an external output for the
Timer/Counter1 Compare Match A. The PB4 pin has to be configured as an output (DDB4 set
(one)) to serve this function. The OC1A pin is also the output pin for the PWM mode timer
function.
PCINT12: Pin Change Interrupt source 12. The PB4 pin can serve as an external interrupt
source for pin change interrupt 1.
• Port B, Bit 5 – DO/OC1B/PCINT13
DO: Data Output in USI Three-wire mode. Data output (DO) overrides PORTB5 value and it is
driven to the port when the data direction bit DDB5 is set (one). However the PORTB5 bit still
controls the pullup, enabling pullup if direction is input and PORTB5 is set (one).
OC1B: Output Compare Match output: The PB5 pin can serve as an external output for the
Timer/Counter1 Compare Match B. The PB5 pin has to be configured as an output (DDB5 set
(one)) to serve this function. The OC1B pin is also the output pin for the PWM mode timer
function.
PCINT13: Pin Change Interrupt source 13. The PB5 pin can serve as an external interrupt
source for pin change interrupt 1.
• Port B, Bit 6 – USCK/SCL/PCINT14
USCK: Three-wire mode Universal Serial Interface Clock.
SCL: Two-wire mode Serial Clock for USI Two-wire mode.
PCINT14: Pin Change Interrupt source 14. The PB6 pin can serve as an external interrupt
source for pin change interrupt 1.
• Port B, Bit 7 – INT0/PCINT15
INT0: External Interrupt Request 0.
PCINT15: Pin Change Interrupt source 15. The PB7 pin can serve as an external interrupt
source for pin change interrupt 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com