Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 23Page - ATMEL Corporation ATtiny43U Datasheet HTML 24Page - ATMEL Corporation ATtiny43U Datasheet HTML 25Page - ATMEL Corporation ATtiny43U Datasheet HTML 26Page - ATMEL Corporation ATtiny43U Datasheet HTML 27Page - ATMEL Corporation ATtiny43U Datasheet HTML 28Page - ATMEL Corporation ATtiny43U Datasheet HTML 29Page - ATMEL Corporation ATtiny43U Datasheet HTML 30Page - ATMEL Corporation ATtiny43U Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 182 page
background image
27
8048B–AVR–03/09
6.2.5
Clock Startup Sequence
Any clock source needs a sufficient V
CC to start oscillating and a minimum number of oscillating
cycles before it can be considered stable.
To ensure sufficient V
CC, the device issues an internal reset with a time-out delay (tTOUT) after
the device reset is released by all other reset sources. The section “System Control and Reset”
on page 48 describes the start conditions for the internal reset. The delay (t
TOUT) is timed from
the Watchdog Oscillator and the number of cycles in the delay is set by the SUTn and CKSELn
fuse bits. The available delays are shown in Table 6-8.
Note:
The frequency of the Watchdog Oscillator is voltage dependent as shown in TBD.
The main purpose of the delay is to keep the AVR in reset until V
CC has risen to a sufficient level.
The delay will not monitor the actual voltage and, hence, the user must make sure the delay time
is longer than the V
CC rise time. If this is not possible, an internal or external Brown-Out Detec-
tion circuit should be used. A BOD circuit ensures there is sufficient V
CC before it releases the
reset line, and the time-out delay can then be disabled. It is not recommended to disable the
time-out delay without implementing a Brown-Out Detection circuit.
The oscillator is required to oscillate for a minimum number of cycles before the clock is consid-
ered stable. An internal ripple counter monitors the oscillator output clock, and keeps the internal
reset active for a given number of clock cycles. The reset is then released and the device will
start to execute.
The start-up sequence for the clock includes both the time-out delay and the start-up time when
the device starts up from reset. When starting up from Power-down mode, V
CC is assumed to be
at a sufficient level and only the start-up time is included.
6.3
System Clock Prescaler
The ATtiny43U has a system clock prescaler, which means the system clock can be divided as
described in section “CLKPR – Clock Prescale Register” on page 28. This feature can be used
to lower system clock frequency and decrease the power consumption at times when require-
ments for processing power is low. This can be used with all clock source options, and it will
affect the clock frequency of the CPU and all synchronous peripherals. Clock signals clk
I/O,
clk
ADC, clkCPU, and clkFLASH are divided by a factor as shown in Table 20-4 on page 158.
6.3.1
Switching Time
When changing prescaler settings, the System Clock Prescaler ensures that no glitches occurs
in the clock system. It also ensures that no intermediate frequency is higher than either the clock
frequency corresponding to the previous setting or the clock frequency corresponding to the new
setting. The ripple counter of the prescaler runs at the same frequency as the undivided clock,
which may be higher than the CPU's clock frequency. Hence, even if it was readable, it is not
possible to determine the state of the prescaler, and it is not possible to predict the exact time it
takes to switch from one clock division to the other. From the time the CLKPS values are written,
Table 6-8.
Number of Watchdog Oscillator Cycles
Typ Time-out (VCC = 5.0V)
Typ Time-out (VCC = 3.0V)
Number of Cycles
0 ms
0 ms
0
4.1 ms
4.3 ms
512
65 ms
69 ms
8K (8,192)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com