Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 73Page - ATMEL Corporation ATtiny43U Datasheet HTML 74Page - ATMEL Corporation ATtiny43U Datasheet HTML 75Page - ATMEL Corporation ATtiny43U Datasheet HTML 76Page - ATMEL Corporation ATtiny43U Datasheet HTML 77Page - ATMEL Corporation ATtiny43U Datasheet HTML 78Page - ATMEL Corporation ATtiny43U Datasheet HTML 79Page - ATMEL Corporation ATtiny43U Datasheet HTML 80Page - ATMEL Corporation ATtiny43U Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 182 page
background image
77
8048B–AVR–03/09
Table 11-11. Overriding Signals for Alternate Functions in PB3..PB2
Signal
Name
PB3/T1/CLKO/PCINT9
PB2/OC0B/PCINT8
PUOE
CKOUT
0
PUOV
0
0
DDOE
CKOUT
0
DDOV
1’b1
0
PVOE
CKOUT
OC0B Enable
PVOV
CKOUT • System Clock
OC0B
PTOE
0
0
DIEOE
PCINT9 • PCIE1
PCINT8 • PCIE1
DIEOV
PCINT9 • PCIE1
PCINT8 • PCIE1
DI
T1/PCINT9 Input
PCINT8 Input
AIO
Table 11-12. Overriding Signals for Alternate Functions in PB1..PB0
Signal
Name
PB1/OC0A/PCINT7
PB0/T0/PCINT6
PUOE
0
0
PUOV
0
0
DDOE
0
0
DDOV
0
0
PVOE
0
0
PVOV
OC0A Enable
0
PTOE
OC0A
0
DIEOE
PCINT7 • PCIE1
PCINT6 • PCIE1
DIEOV
PCINT7 • PCIE1
PCINT6 • PCIE1
DI
PCINT7 Input
PCINT6 Input
AIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com