Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 1 Page - ATMEL Corporation

  ATtiny43U Datasheet HTML 1Page - ATMEL Corporation ATtiny43U Datasheet HTML 2Page - ATMEL Corporation ATtiny43U Datasheet HTML 3Page - ATMEL Corporation ATtiny43U Datasheet HTML 4Page - ATMEL Corporation ATtiny43U Datasheet HTML 5Page - ATMEL Corporation ATtiny43U Datasheet HTML 6Page - ATMEL Corporation ATtiny43U Datasheet HTML 7Page - ATMEL Corporation ATtiny43U Datasheet HTML 8Page - ATMEL Corporation ATtiny43U Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 182 page
background image
Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 120 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
• Non-Volatile Program and Data Memories
– 4K Bytes of In-System Programmable Program Memory Flash
– 64 Bytes of In-System Programmable EEPROM
– 256 Bytes of Internal SRAM
– Write/Erase Cycles: 10,000 Flash/ 100,000 EEPROM
– Data retention: 20 years at 85
°C/ 100 years at 25°C(1)
– Programming Lock for Software Security
• Peripheral Features
– Two 8-Bit Timer/Counters with two PWM Channels, Each
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-Chip Analog Comparator
– 10-bit ADC
4 Single-Ended Channels
– Universal Serial Interface
–Boost Converter
• Special Microcontroller Features
– debugWIRE On-chip Debug System
– In-System Programmable via SPI Port
– External and Internal Interrupt Sources
– Pin Change Interrupt on 16 Pins
– Low Power Idle, ADC Noise Reduction and Power-Down Modes
– Enhanced Power-On Reset Circuit
– Programmable Brown-Out Detection Circuit
– Internal Calibrated Oscillator
– Temperature Sensor On Chip
• I/O and Packages
– Available in 20-Pin SOIC and 20-Pin QFN/MLF
– 16 Programmable I/O Lines
• Operating Voltage:
– 0.7 – 1.8V (via On-Chip Boost Converter)
– 1.8 – 5.5V (Boost Converter Bypassed)
• Speed Grade
– Using On-Chip Boost Converter
0 – 4 MHz
– External Power Supply
0 – 4 MHz @ 1.8 – 5.5V
0 – 8 MHz @ 2.7 – 5.5V
• Low Power Consumption
– Active Mode, 1 MHz System Clock (Without Boost Converter)
400 µA @ 3V
– Power-Down Mode (Without Boost Converter)
150 nA @ 3V
Note:
1. See “Data Retention” on page 6 for details.
8-bit
Microcontroller
with 4K Bytes
In-System
Programmable
Flash and Boost
Converter
ATtiny43U
Preliminary
Rev. 8048B–AVR–03/09


Similar Part No. - ATtiny43U

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny43U-MU ATMEL-ATtiny43U-MU Datasheet
501Kb / 16P
8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
ATtiny43U-SU ATMEL-ATtiny43U-SU Datasheet
501Kb / 16P
8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
ATTINY43U ATMEL-ATTINY43U_09 Datasheet
501Kb / 16P
8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
ATTINY43U ATMEL-ATTINY43U_14 Datasheet
552Kb / 16P
High Performance, Low Power AVR
ATTINY43U ATMEL-ATTINY43U_14 Datasheet
5Mb / 210P
Non-volatile Program and Data Memories
More results

Similar Description - ATtiny43U

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
8-Bit Microcontroller with 4K bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY43U ATMEL-ATTINY43U_09 Datasheet
501Kb / 16P
8-bit Microcontroller with 4K Bytes In-System Programmable Falsh and Boost Converter
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com