Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 58 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 54Page - ATMEL Corporation ATtiny43U Datasheet HTML 55Page - ATMEL Corporation ATtiny43U Datasheet HTML 56Page - ATMEL Corporation ATtiny43U Datasheet HTML 57Page - ATMEL Corporation ATtiny43U Datasheet HTML 58Page - ATMEL Corporation ATtiny43U Datasheet HTML 59Page - ATMEL Corporation ATtiny43U Datasheet HTML 60Page - ATMEL Corporation ATtiny43U Datasheet HTML 61Page - ATMEL Corporation ATtiny43U Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 182 page
background image
58
8048B–AVR–03/09
ATtiny43U
0x0008
rjmp
TIM0_COMPA
; Timer0 Compare A Handler
0x0009
rjmp
TIM0_COMPB
; Timer0 Compare B Handler
0x000A
rjmp
TIM0_OVF
; Timer0 Overflow Handler
0x000B
rjmp
ANA_COMP
; Analog Comparator Handler
0x000C
rjmp
ADC
; ADC Conversion Handler
0x000D
rjmp
EE_RDY
; EEPROM Ready Handler
0x000E
rjmp
USI_STR
; USI Start Handler
0x000F
rjmp
USI_OVF
; USI Overflow Handler
;
0x0010
RESET: ldi
r16, low(RAMEND); Main program start
0x0011
out
SPL,r16
; Set Stack Pointer to top of RAM
0x0012
sei
; Enable interrupts
0x0013
<instr>
xxx
...
...
...
...
10.2
External Interrupts
The External Interrupts are triggered by the INT0 pin or any of the PCINT pins. Observe that, if
enabled, the interrupts will trigger even if INT0 or the PCINT pins are configured as outputs. This
feature provides a way of generating a software interrupt, as follows.
• Pin Change Interrupt PCI0 triggers if a pin in PCINT7:0 is toggled while enabled
• Pin Change Interrupt PCI1 triggers if a pin in PCINT15:8 is toggled while enabled
The PCMSK0 and PCMSK1 Registers control which pins contribute to the pin change interrupts.
Pin change interrupts on PCINT15..0 are detected asynchronously. This means that these inter-
rupts can be used for waking the part also from sleep modes other than Idle mode.
The INT0 interrupt can be triggered by a falling or rising edge, or a low level. This is configured
as described in “MCUCR – MCU Control Register” on page 59. When the INT0 interrupt is
enabled and is configured as level triggered, the interrupt will trigger as long as the pin is held
low. Low level and edge interrupts on INT0 are detected asynchronously. This implies that these
interrupts can be used for waking the part also from sleep modes other than Idle mode. The I/O
clock is halted in all sleep modes except Idle mode.
Note that if a level triggered interrupt is used for wake-up from Power-down, the required level
must be held long enough for the MCU to complete the wake-up to trigger the level interrupt.
If the level disappears before the end of the Start-up Time, the MCU will still wake up, but no
interrupt will be generated and execution will continue from the instruction following the SLEEP
command. The start-up time is defined by the SUT and CKSEL fuses, as described in “System
Clock and Clock Options” on page 23.
10.2.1
Pin Change Interrupt Timing
An example of timing of a pin change interrupt is shown in Figure 10-1 below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com