Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 28Page - ATMEL Corporation ATtiny43U Datasheet HTML 29Page - ATMEL Corporation ATtiny43U Datasheet HTML 30Page - ATMEL Corporation ATtiny43U Datasheet HTML 31Page - ATMEL Corporation ATtiny43U Datasheet HTML 32Page - ATMEL Corporation ATtiny43U Datasheet HTML 33Page - ATMEL Corporation ATtiny43U Datasheet HTML 34Page - ATMEL Corporation ATtiny43U Datasheet HTML 35Page - ATMEL Corporation ATtiny43U Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 182 page
background image
32
8048B–AVR–03/09
ATtiny43U
Idle mode enables the MCU to wake up from external triggered interrupts as well as internal
ones like the Timer Overflow. If wake-up from the Analog Comparator interrupt is not required,
the Analog Comparator can be powered down by setting the ACD bit in the “ACSR – Analog
Comparator Control and Status Register” on page 113. This will reduce power consumption in
Idle mode. If the ADC is enabled, a conversion starts automatically when this mode is entered.
7.1.2
ADC Noise Reduction Mode
When the SM1..0 bits are written to 01, the SLEEP instruction makes the MCU enter ADC Noise
Reduction mode, stopping the CPU but allowing the ADC, the external interrupts, and the
Watchdog to continue operating (if enabled). This sleep mode halts clk
I/O, clkCPU, and clkFLASH,
while allowing the other clocks to run.
This improves the noise environment for the ADC, enabling higher resolution measurements. If
the ADC is enabled, a conversion starts automatically when this mode is entered. Apart form the
ADC Conversion Complete interrupt, only an External Reset, a Watchdog Reset, a Brown-out
Reset, an SPM/EEPROM ready interrupt, an external level interrupt on INT0 or a pin change
interrupt can wake up the MCU from ADC Noise Reduction mode.
7.1.3
Power-Down Mode
When the SM1..0 bits are written to 10, the SLEEP instruction makes the MCU enter Power-
down mode. In this mode, the Oscillator is stopped, while the external interrupts, and the Watch-
dog continue operating (if enabled). Only an External Reset, a Watchdog Reset, a Brown-out
Reset, an external level interrupt on INT0, or a pin change interrupt can wake up the MCU. This
sleep mode halts all generated clocks, allowing operation of asynchronous modules only.
7.2
Software BOD Disable
When the Brown-out Detector (BOD) is enabled by BODLEVEL fuses (see Table 19.2 on page
140), the BOD is actively monitoring the power supply voltage during a sleep period. To save
power, it is possible for software to disable the BOD in Power-Down Mode (see “Power-Down
Mode” on page 32). The sleep mode power consumption will then be at the same level as when
BOD is globally disabled by fuses. If disabled by software, the BOD is turned off immediately
after entering the sleep mode and automatically turned on upon wake-up. This ensures safe
operation in case the V
CC level has dropped during the sleep period.
When the BOD has been disabled the wake-up time from sleep mode will be the same as the
wake-up time from RESET. This is in order to ensure the BOD is working correctly before the
MCU continues executing code.
BOD disable is controlled by bit 7 (BODS — BOD Sleep) of MCU Control Register, see “MCUCR
– MCU Control Register” on page 34. Writing this bit to one turns off the BOD in Power-Down
Mode, while a zero in this bit keeps BOD active. The default setting is zero, i.e. BOD active.
Writing to the BODS bit is controlled by a timed sequence and an enable bit, see “MCUCR –
MCU Control Register” on page 34.
7.3
Power Reduction Register
The Power Reduction Register (PRR), see “PRR – Power Reduction Register” on page 35, pro-
vides a method to stop the clock to individual peripherals to reduce power consumption. The
current state of the peripheral is frozenand the I/O registers can not be read or written.
Resources used by the peripheral when stopping the clock will remain occupied, hence the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com