Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 41Page - ATMEL Corporation ATtiny43U Datasheet HTML 42Page - ATMEL Corporation ATtiny43U Datasheet HTML 43Page - ATMEL Corporation ATtiny43U Datasheet HTML 44Page - ATMEL Corporation ATtiny43U Datasheet HTML 45Page - ATMEL Corporation ATtiny43U Datasheet HTML 46Page - ATMEL Corporation ATtiny43U Datasheet HTML 47Page - ATMEL Corporation ATtiny43U Datasheet HTML 48Page - ATMEL Corporation ATtiny43U Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 182 page
background image
45
8048B–AVR–03/09
Too high resistor values may lead to Start Mode failures. See “Boost Converter Component Val-
ues” on page 45 for component recommendations and limits.
Capacitor C
2 should be located close to the device.
8.6.5
Output Capacitors
An output capacitor, C
3, is required to keep the output voltage stable at times when energy is
transferred to the inductor. It is recommended to use a capacitor with high capacitance and low
Equivalent Series Resistance, ESR. A large capacitance helps to reduce the voltage ripple at
the output and a low ESR reduces voltage ripple and helps to keep the temperature of the
capacitor within limits.
The recommended capacitance at a given, steady-state load is calculated as follows:
... where T
S is the switching frequency of the boost converter, VPP is the allowed voltage ripple
and D is the duty cycle, calculated as shown in “Inductor” on page 43.
The recommended ESR is calculated as follows:
A secondary output capacitor, C
4, is recommended and should be placed close to the device.
8.6.6
Summary
The table below summarises recommended component values for a typical application.
Note:
1. With these values the LPF provides a 32dB attenuation at the switching frequency of the boost
converter while permitting a supply voltage ripple of about ±200mV
2. Application specific limits may be tighter
C
OUT
I
LOAD
T
S
D
×
×
V
PP
--------------------------------------
=
ESR
V
PP
I
PEAK
---------------
≤
Table 8-1.
Boost Converter Component Values
Component
Recommended Value
Min (2)
Max (2)
C
1
C = 4.7µF
1µF
C
2
C = 100nF
(1)
C
3
C = 22µF, ESR < 100m
Ω
10µF
C
4
C = 100nF
100nF
100nF
D
1
I
R = 1µA @ 25°C, VF = 0.5V @ 1A
L
1
L = 15µH ±20%, I
MAX = 700mA, R < 150mΩ
15µH
15µH
R
1
R = 680
Ω (1)
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com