Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 22Page - ATMEL Corporation ATtiny43U Datasheet HTML 23Page - ATMEL Corporation ATtiny43U Datasheet HTML 24Page - ATMEL Corporation ATtiny43U Datasheet HTML 25Page - ATMEL Corporation ATtiny43U Datasheet HTML 26Page - ATMEL Corporation ATtiny43U Datasheet HTML 27Page - ATMEL Corporation ATtiny43U Datasheet HTML 28Page - ATMEL Corporation ATtiny43U Datasheet HTML 29Page - ATMEL Corporation ATtiny43U Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 182 page
background image
26
8048B–AVR–03/09
ATtiny43U
When this Oscillator is selected, start-up times are determined by the SUT Fuses as shown in
Table 6-5 below.
Note:
1. If the RSTDISBL fuse is programmed, this start-up time will be increased to
14CK + 4 ms to ensure programming mode can be entered.
2.
The device is shipped with this option selected.
6.2.3
Internal 128 kHz Oscillator
The 128 kHz internal oscillator is a low power oscillator providing a clock of 128 kHz. The fre-
quency is nominal at 3V and 25
°C. This clock may be select as the system clock by
programming the CKSEL Fuses to “11” as shown in Table 6-6 below.
When this clock source is selected, start-up times are determined by the SUT Fuses as shown in
Table 6-7 below.
Note:
1. If the RSTDISBL fuse is programmed, this start-up time will be increased to 14CK + 4 ms to
ensure programming mode can be entered.
6.2.4
Default Clock Source
The device is shipped with CKSEL = "0010", SUT = "10", and CKDIV8 programmed. The default
clock source is therefore the internal RC oscillator running at 8.0 MHz with the longest start-up
time and an initial system clock prescale setting of 8, resulting in a 1 MHz system clock. The
default setting ensures every user can make the desired clock source setting using any available
programming interface.
Table 6-5.
Start-up times for Internal Calibrated RC Oscillator Clock Selection
SUT1..0
Start-up Time
from Power-down
Additional Delay from
Reset (V
CC = 5.0V)
Recommended Usage
00
6 CK
14CK(1)
BOD enabled
01
6 CK
14CK + 4 ms
Fast rising power
10(2)
6 CK
14CK + 64 ms
Slowly rising power
11
Reserved
Table 6-6.
128 kHz Internal Oscillator Operating Modes
CKSEL3..0
Nominal Frequency
0011
128 kHz
Table 6-7.
Start-up Times for the 128 kHz Internal Oscillator
SUT1..0
Start-up Time
from Power-down
Additional Delay
from Reset
Recommended Usage
00
6 CK
14CK(1)
BOD enabled
01
6 CK
14CK + 4 ms
Fast rising power
10
6 CK
14CK + 64 ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com