Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 43Page - ATMEL Corporation ATtiny43U Datasheet HTML 44Page - ATMEL Corporation ATtiny43U Datasheet HTML 45Page - ATMEL Corporation ATtiny43U Datasheet HTML 46Page - ATMEL Corporation ATtiny43U Datasheet HTML 47Page - ATMEL Corporation ATtiny43U Datasheet HTML 48Page - ATMEL Corporation ATtiny43U Datasheet HTML 49Page - ATMEL Corporation ATtiny43U Datasheet HTML 50Page - ATMEL Corporation ATtiny43U Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 182 page
background image
47
8048B–AVR–03/09
boost converter, connect pins V
BAT and LSW to ground and provide the device with supply
directly to the V
CC pin.
8.11
Register Description
8.11.1
ADCSRB – ADC Control and Status Register B
• Bit 7 – BS: Boost Status
The BS bit can be used to identify silent periods of the boost converter. When this bit is one the
boost converter is active and switching, i.e. it is either in Active Regulated Mode, or in the switch-
ing period of Active Low Current Mode. When this bit is zero the boost converter is not switching,
i.e. it is either in Stop Mode or in the non-switching period of Active Low Current Mode.
Alternatively, the BS bit can be programmed to return the state of the duty cycle controller, as
follows:
1.
Write 11xx xxxx to register PRR
2.
Within 3 clock cycles of the above, write 10xx xxxx to register PRR
3.
Wait (issue a single-cycle no operation)
4.
Within 5 clock cycles of first write, read the BS bit
If the BS bit now is zero the converter is operating in normal duty cycle control mode. If the bit is
one the converter is working in full duty cycle mode.
Bit
7
6543210
0x03 (0x23)
BS
ACME
–
ADLAR
–
ADTS2
ADTS1
ADTS0
ADCSRB
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com