Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 70Page - ATMEL Corporation ATtiny43U Datasheet HTML 71Page - ATMEL Corporation ATtiny43U Datasheet HTML 72Page - ATMEL Corporation ATtiny43U Datasheet HTML 73Page - ATMEL Corporation ATtiny43U Datasheet HTML 74Page - ATMEL Corporation ATtiny43U Datasheet HTML 75Page - ATMEL Corporation ATtiny43U Datasheet HTML 76Page - ATMEL Corporation ATtiny43U Datasheet HTML 77Page - ATMEL Corporation ATtiny43U Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 182 page
background image
74
8048B–AVR–03/09
ATtiny43U
11.3.2
Alternate Functions of Port B
The Port B pins with alternate function are shown in Table 11-8 on page 74.
• Port B, Bit 0 – T0/PCINT8
T0: Timer/Counter0 Counter Source.
PCINT8: Pin Change Interrupt source 8. The PB0 pin can serve as an external interrupt source
for pin change interrupt 1.
• Port B, Bit 1 – OC0A/PCINT9
OC0A: Output Compare Match output: The PB1 pin can serve as an external output for the
Timer/Counter0 Compare Match A. The PB1 pin has to be configured as an output (DDB1 set
(one)) to serve this function. The OC0A pin is also the output pin for the PWM mode timer
function.
PCINT9: Pin Change Interrupt source 9. The PB1 pin can serve as an external interrupt source
for pin change interrupt 1.
• Port B, Bit 2 – OC0B/PCINT10
OC0B: Output Compare Match output: The PB2 pin can serve as an external output for the
Timer/Counter0 Compare Match A. The PB2 pin has to be configured as an output (DDB2 set
(one)) to serve this function. The OC0B pin is also the output pin for the PWM mode timer
function.
Table 11-8.
Port B Pins Alternate Functions
Port Pin
Alternate Function
PB0
T0:
Timer/Counter0 Counter Source.
PCINT8: Pin change interrupt 1 source 8.
PB1
OC0A:
Timer/Counter0 Compare Match A output.
PCINT9: Pin change interrupt 1 source 9.
PB2
OC0B:
Timer/Counter0 Compare Match B output.
PCINT10:Pin change interrupt 1 source 10.
PB3
T1:
Timer/Counter1 Counter Source.
CLKO:
System Clock Output.
PCINT11:Pin change interrupt 1 source 11.
PB4
OC1A:
Timer/Counter1 Compare Match A output.
DI:
USI Data Input three wire mode.
SDA:
USI Data Input two wire mode.
PCINT12:Pin change interrupt 1 source 12.
PB5
OC1B:
Timer/Counter1 Compare Match B output.
DO:
USI Data Output three wire mode.
PCINT13:Pin change interrupt 1 source 13.
PB6
USCK:
USI Clock three wire mode.
SCL:
USI Clock two wire mode.
PCINT14:Pin change interrupt 1 source 14.
PB7
INT0:
External Interrupt 0 input.
PCINT15:Pin change interrupt 1 source 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com