Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 53Page - ATMEL Corporation ATtiny43U Datasheet HTML 54Page - ATMEL Corporation ATtiny43U Datasheet HTML 55Page - ATMEL Corporation ATtiny43U Datasheet HTML 56Page - ATMEL Corporation ATtiny43U Datasheet HTML 57Page - ATMEL Corporation ATtiny43U Datasheet HTML 58Page - ATMEL Corporation ATtiny43U Datasheet HTML 59Page - ATMEL Corporation ATtiny43U Datasheet HTML 60Page - ATMEL Corporation ATtiny43U Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 182 page
background image
57
8048B–AVR–03/09
10. Interrupts
This section describes the specifics of the interrupt handling as performed in ATtiny43U. For a
general explanation of the AVR interrupt handling, see “Reset and Interrupt Handling” on page
13.
10.1
Interrupt Vectors
If the program never enables an interrupt source, the Interrupt Vectors are not used, and regular
program code can be placed at these locations. The most typical and general program setup for
the Reset and Interrupt Vector Addresses in ATtiny43U is:
Address
Labels Code
Comments
0x0000
rjmp
RESET
; Reset Handler
0x0001
rjmp
INT0
; IRQ0 Handler
0x0002
rjmp
PCINT0
; PCINT0 Handler
0x0003
rjmp
PCINT1
; PCINT1 Handler
0x0004
rjmp
WDT
; Watchdog Interrupt Handler
0x0005
rjmp
TIM1_COMPA
; Timer1 Compare A Handler
0x0006
rjmp
TIM1_COMPB
; Timer1 Compare B Handler
0x0007
rjmp
TIM1_OVF
; Timer1 Overflow Handler
Table 10-1.
Reset and Interrupt Vectors
Vector No.
Program Address
Source
Interrupt Definition
1
0x0000
RESET
External Pin, Power-on Reset,
Brown-out Reset, Watchdog Reset
2
0x0001
INT0
External Interrupt Request 0
3
0x0002
PCINT0
Pin Change Interrupt Request 0
4
0x0003
PCINT1
Pin Change Interrupt Request 1
5
0x0004
WDT
Watchdog Time-out
6
0x0005
TIMER1_COMPA
Timer/Counter1 Compare Match A
7
0x0006
TIMER1_COMPB
Timer/Counter1 Compare Match B
8
0x0007
TIMER1_OVF
Timer/Counter1 Overflow
9
0x0008
TIMER0_COMPA
Timer/Counter0 Compare Match A
10
0x0009
TIMER0_COMPB
Timer/Counter0 Compare Match B
11
0x000A
TIMER0_OVF
Timer/Counter0 Overflow
12
0x000B
ANA_COMP
Analog Comparator
13
0x000C
ADC
ADC Conversion Complete
14
0x000D
EE_RDY
EEPROM Ready
15
0x000E
USI_START
USI Start
16
0x000F
USI_OVF
USI Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com