Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 35Page - ATMEL Corporation ATtiny43U Datasheet HTML 36Page - ATMEL Corporation ATtiny43U Datasheet HTML 37Page - ATMEL Corporation ATtiny43U Datasheet HTML 38Page - ATMEL Corporation ATtiny43U Datasheet HTML 39Page - ATMEL Corporation ATtiny43U Datasheet HTML 40Page - ATMEL Corporation ATtiny43U Datasheet HTML 41Page - ATMEL Corporation ATtiny43U Datasheet HTML 42Page - ATMEL Corporation ATtiny43U Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 182 page
background image
39
8048B–AVR–03/09
Figure 8-4.
Input and Output Voltages of Boost Converter.
When input voltage V
BAT falls below VSTOP the converter enters Stop Mode and output voltage
V
CC begins to fall. When converter output voltage, i.e. the supply voltage of the microcontroller,
falls below V
POT the MCU will go into reset.
Figure 8-5 illustrates how the boost converter output changes with load current. As converter
output voltage rises above the power-on threshold the microcontroller is brought on-line and cur-
rent consumption steps up to a level sufficiently high for the converter to remain in Active
Regulated Mode of operation.
Figure 8-5.
Output Voltage vs. Load Current of Boost Converter.
Note:
The figure is not to scale. Typically, the switching time (rising voltage) is measured in hundreds of
microseconds and idle time (falling voltage) is measured in seconds.
VCC
t
VPOT
VSTART
VBOOST
VSTOP
VBAT
STOP
STOP
ACTIVE
RESET
ACTIVE
RESET
CONVERTER:
MCU CORE:
VCC
t
ILOAD
V/A
VCCMIN
VCCMAX
LOW CURRENT MODE
ACTIVE, REGULATED
MODE:
VCCNOM
IMS
REGULATED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com