Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 39Page - ATMEL Corporation ATtiny43U Datasheet HTML 40Page - ATMEL Corporation ATtiny43U Datasheet HTML 41Page - ATMEL Corporation ATtiny43U Datasheet HTML 42Page - ATMEL Corporation ATtiny43U Datasheet HTML 43Page - ATMEL Corporation ATtiny43U Datasheet HTML 44Page - ATMEL Corporation ATtiny43U Datasheet HTML 45Page - ATMEL Corporation ATtiny43U Datasheet HTML 46Page - ATMEL Corporation ATtiny43U Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 182 page
background image
43
8048B–AVR–03/09
To stop the boost converter, follow the below procedure:
1.
Write 110x xxxx to the Power Reduction Register, PRR
2.
Within 3 clock cycles of the above, write 10xx xxxx to PRR
3.
Within 4 clock cycles of the first step, write 01xx xxxx to PRR
8.5.2
Switching to Full Duty Cycle Mode of Operation
When duty cycle control is disabled the output voltage of the boost converter will rise as fast as
possible, resulting in a minimum switching time and a maximum idle time for the converter.
To turn on Full Duty Cycle (FDC) mode, follow the below procedure:
1.
Write 110x xxxx to the Power Reduction Register, PRR
2.
Within 3 clock cycles of the above, write 10xx xxxx to PRR
3.
Within 4 clock cycles of the first step, write 111x xxxx to PRR
8.5.3
Switching to Normal (Variable Duty Cycle) Mode of Operation
To return duty cycle control to the boost converter, follow the below procedure:
1.
Write 111x xxxx to the Power Reduction Register, PRR
8.6
Component Selection
Refer to Figure 8-2 on page 37 for component placement and numbering.
8.6.1
Inductor
Low inductance increases peak currents of the inductor, creating more interference noise and
lowering the overall efficiency of the converter. Too high inductance values force the converter
into non-stable operation. The boost converter has been optimized for a certain size inductance,
L, and may not work reliably if other inductance values are used. See “Boost Converter Compo-
nent Values” on page 45.
The inductor must be able to tolerate the following input current:
... where
η is the efficiency of the converter at given voltages and load current. See “Boost Con-
verter Efficiency vs. Load Current and VBAT Voltage” on page 166.
The inductor must also be able to tolerate short peak currents. At steady state, i.e. when the
converter has stabilised after a constant load current has been introduced, the peak current is
calculated as follows:
I
IN
V
CC
I
LOAD
×
V
BAT
η
×
--------------------------------
=
I
PEAK
V
BAT
T
S
D
×
×
L
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com