Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 46 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 42Page - ATMEL Corporation ATtiny43U Datasheet HTML 43Page - ATMEL Corporation ATtiny43U Datasheet HTML 44Page - ATMEL Corporation ATtiny43U Datasheet HTML 45Page - ATMEL Corporation ATtiny43U Datasheet HTML 46Page - ATMEL Corporation ATtiny43U Datasheet HTML 47Page - ATMEL Corporation ATtiny43U Datasheet HTML 48Page - ATMEL Corporation ATtiny43U Datasheet HTML 49Page - ATMEL Corporation ATtiny43U Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 182 page
background image
46
8048B–AVR–03/09
ATtiny43U
8.7
Typical Applications
A typical use of the boost converter is illustrated in Figure 8-2 on page 37. Components can be
optimized depending on the type of application. Table 8-2, below, presents recommendations for
three different types of applications (cost effective, high output current and long battery life). All
values are guidelines, only.
Notes:
1. Low ESR required.
2. High reverse leakage current, increases current consumption.
3. The diode is the largest individual contributor to battery life. The example diode keeps the
boost converter running and maintains a reasonable efficiency level.
4. Depends on internal resistance of power supply.
5. Depends on load current. May not be sufficient for maximum current rating.
8.8
Characteristics
Electrical characteristics of the boost converter are given in Table 20-7 on page 159. Typical
characteristics can be found under section “Boost Converter” on page 165.
8.9
Potential Limitations
When the device is powered via the boost converter some usage limitiations may apply. For
example, the highest allowed operating frequency of the device depends on supply voltage (see
“Speed Grades” on page 156) and the boost converter output voltage varies within the limits
given in Table 20-7 on page 159. This means that if the design allows the boost converter to go
into Active Low Current Mode the supply voltage will drop periodically, affecting the maximum
allowed operating frequency.
Provided the load current remains sufficiently high the boost converter will never enter Active
Low Current Mode and the supply voltage will remain high enough to run the device at higher
frequencies. The boost converter status bit BS can be used to determine if the boost converter is
in Low Current Mode (see “ADCSRB – ADC Control and Status Register B” on page 47).
Since the entire device is powered from the boost converter output variations will show in all
peripherals. This means that, for example, high levels of I/O pins may vary with supply voltage.
8.10
Bypassing the Boost Converter
It is possible to bypass and disable the boost converter so that the device can be powered
directly from an external supply. To force the boost converter into Stop Mode, connect pin V
BAT
to ground and provide the device with supply directly to the V
CC pin. To permanently disable the
Table 8-2.
Recommended Components and Values for Various Designs
Symbol
Component
Cost Effective
High Current
Battery Life
Unit
L1
Inductor
15
15 (1)
15 (1)
µH
D1
Schottky diode
10MQ100N
10BQ015 (2)
10BQ040 (3)
R
1
Resistor
680
680
680
Ω
C1
Input Capacitor
1 (4)
4.7
4.7
µF
C2
Secondary Input Cap.
100
100
100
nF
C
3
Output Capacitor
10 (5)
22
22
µF
C4
Secondary Output Cap.
–
22
22
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com