Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 32Page - ATMEL Corporation ATtiny43U Datasheet HTML 33Page - ATMEL Corporation ATtiny43U Datasheet HTML 34Page - ATMEL Corporation ATtiny43U Datasheet HTML 35Page - ATMEL Corporation ATtiny43U Datasheet HTML 36Page - ATMEL Corporation ATtiny43U Datasheet HTML 37Page - ATMEL Corporation ATtiny43U Datasheet HTML 38Page - ATMEL Corporation ATtiny43U Datasheet HTML 39Page - ATMEL Corporation ATtiny43U Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 182 page
background image
36
8048B–AVR–03/09
ATtiny43U
8.
Power Supply and On-Chip Boost Converter
In order to work properly microcontrollers typically require a supply voltage level that can not be
provided by battery packs of less than two or three battery cells. This constraint adds to size,
cost and complexity of the design. The integrated boost converter of ATtiny43U bridges the gap
between minimum supply voltage of the device and typical output voltages of single-cell stan-
dard, alkaline, Lithium, NiCd or NiMH batteries. The boost converter enables the device to be
powered from a source with a supply voltage well below 1V.
A block diagram illustrating the use of the boost converter is shown in Figure 8-1, below.
Figure 8-1.
Block Diagram of Boost Converter Usage.
8.1
Overview
A boost converter is a device that converts a DC voltage to a higher level. The integrated boost
converter of ATtiny43U provides the microcontroller (and its peripherals) with a fixed supply volt-
age, generated from an external supply of lower voltage.
The ATtiny43U boost converter is a switching type, step-up converter that uses an external
inductor, a diode and bypass capacitors. The boost converter is self-sufficient, completely inde-
pendent and does not need any control from the MCU. The converter starts automatically as
soon as there is sufficient voltage at the V
BAT pin. See Table 20-7 on page 159 for electrical
characteristics.
The microcontroller starts as soon as the regulated output of the boost converter rises above
power-on and brown-out reset levels (if enabled), as described in section “System Control and
Reset” on page 48. After the MCU is released from reset and has started running the application
software can then measure the battery voltage and decide if there is sufficient voltage to con-
tinue operation.
The boost converter continuously switches between storing energy in and draining energy from
the external inductor. During the charge phase the current through the inductor ramps up at a
rate determined by the converter input voltage. During the discharge phase energy stored in the
inductor is released to the load and the current in the inductor ramps down at a rate determined
by the difference between the input and output voltages.
The boost converter requires some external components to operate. See Figure 8-2 on page 37
for component placement. The circuit is completed by inserting an inductor between node VIN
and pin LSW, and a Schottky diode between pins LSW and V
CC. In addition, an input capacitor
and external bypass capacitor from V
CC to GND are typically required. See “Typical Applica-
tions” on page 46 for more details.
REGULATOR
MCU
EXTERNAL
COMPONENTS
VBAT
LSW
16
ATtiny43U
I/O
VCC
GND
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com