Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 96 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 92Page - ATMEL Corporation ATtiny43U Datasheet HTML 93Page - ATMEL Corporation ATtiny43U Datasheet HTML 94Page - ATMEL Corporation ATtiny43U Datasheet HTML 95Page - ATMEL Corporation ATtiny43U Datasheet HTML 96Page - ATMEL Corporation ATtiny43U Datasheet HTML 97Page - ATMEL Corporation ATtiny43U Datasheet HTML 98Page - ATMEL Corporation ATtiny43U Datasheet HTML 99Page - ATMEL Corporation ATtiny43U Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 182 page
background image
96
8048B–AVR–03/09
ATtiny43U
12.9.12
TIMSK1 – Timer/Counter 1 Interrupt Mask Register
• Bits 7:3 – Res: Reserved Bits
These bits are reserved and will always read zero.
• Bit 2 – OCIEnB: Timer/Countern Output Compare Match B Interrupt Enable
When the OCIEnB bit is written to one, and the I-bit in the Status Register is set, the
Timer/Counter Compare Match B interrupt is enabled. The corresponding interrupt is executed if
a Compare Match in Timer/Countern occurs, i.e., when the OCFnB bit is set in the Timer/Coun-
ter Interrupt Flag Register – TIFRn.
• Bit 1 – OCIEnA: Timer/Countern Output Compare Match A Interrupt Enable
When the OCIEnA bit is written to one, and the I-bit in the Status Register is set, the
Timer/Countern Compare Match A interrupt is enabled. The corresponding interrupt is executed
if a Compare Match in Timer/Countern occurs, i.e., when the OCFnA bit is set in the
Timer/Counter n Interrupt Flag Register – TIFRn.
• Bit 0 – TOIEn: Timer/Countern Overflow Interrupt Enable
When the TOIEn bit is written to one, and the I-bit in the Status Register is set, the Timer/Coun-
tern Overflow interrupt is enabled. The corresponding interrupt is executed if an overflow in
Timer/Countern occurs, i.e., when the TOVn bit is set in the Timer/Counter n Interrupt Flag Reg-
ister – TIFRn.
12.9.13
TIFR0 – Timer/Counter 0 Interrupt Flag Register
12.9.14
TIFR1 – Timer/Counter 1 Interrupt Flag Register
• Bits 7:3 – Res: Reserved Bits
These bits are reserved and will always read zero.
• Bit 2 – OCFnB: Output Compare Flag n B
The OCFnB bit is set when a Compare Match occurs between the Timer/Countern and the data
in OCRnB – Output Compare Registern B. OCFnB is cleared by hardware when executing the
corresponding interrupt handling vector. Alternatively, OCFnB is cleared by writing a logic one to
the flag. When the I-bit in SREG, OCIEnB (Timer/Counter Compare B Match Interrupt Enable),
and OCFnB are set, the Timer/Countern Compare Match Interrupt is executed.
Bit
7654
3
2
1
0
0x0C (0x2C)
––––
–
OCIE1B
OCIE1A
TOIE1
TIMSK1
Read/Write
RRRR
R
R/W
R/W
R/W
Initial Value
0000
0
0
0
0
Bit
765
432
10
0x38 (0x58)
–
–
–
–
–
OCF0B
OCF0A
TOV0
TIFR0
Read/Write
RR
RRR
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765
432
10
0x0B (0x2B)
–
–
–
–
–
OCF1B
OCF1A
TOV1
TIFR1
Read/Write
RR
RRR
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com