Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 93 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 89Page - ATMEL Corporation ATtiny43U Datasheet HTML 90Page - ATMEL Corporation ATtiny43U Datasheet HTML 91Page - ATMEL Corporation ATtiny43U Datasheet HTML 92Page - ATMEL Corporation ATtiny43U Datasheet HTML 93Page - ATMEL Corporation ATtiny43U Datasheet HTML 94Page - ATMEL Corporation ATtiny43U Datasheet HTML 95Page - ATMEL Corporation ATtiny43U Datasheet HTML 96Page - ATMEL Corporation ATtiny43U Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 182 page
background image
93
8048B–AVR–03/09
Note:
1. MAX = 0xFF, BOTTOM = 0x00
12.9.3
TCCR0B – Timer/Counter Control Register B
12.9.4
TCCR1B – Timer/Counter Control Register B
• Bit 7 – FOCnA: Force Output Compare A
The FOCnA bit is only active when the WGM bits specify a non-PWM mode.
However, for ensuring compatibility with future devices, this bit must be set to zero when
TCCRnB is written when operating in PWM mode. When writing a logical one to the FOCnA bit,
an immediate Compare Match is forced on the Waveform Generation unit. The OCnA output is
changed according to its COMnA1:0 bits setting. Note that the FOCnA bit is implemented as a
strobe. Therefore it is the value present in the COMnA1:0 bits that determines the effect of the
forced compare.
A FOCnA strobe will not generate any interrupt, nor will it clear the timer in CTC mode using
OCRnA as TOP.
The FOCnA bit is always read as zero.
• Bit 6 – FOCnB: Force Output Compare B
The FOCnB bit is only active when the WGM bits specify a non-PWM mode.
Table 12-8.
Waveform Generation Mode Bit Description
Mode
WGMn2
WGMn1
WGMn0
Timer/Counter
Mode of
Operation
TOP
Update of
OCRx at
TOV Flag
Set on
(1)
0
0
0
0
Normal
0xFF
Immediate
MAX
1
001
PWM, Phase
Correct
0xFF
TOP
BOTTOM
2
0
1
0
CTC
OCRnA
Immediate
MAX
3
0
1
1
Fast PWM
0xFF
TOP
MAX
4
100
Reserved
–
–
–
5
101
PWM, Phase
Correct
OCRnA
TOP
BOTTOM
6
110
Reserved
–
–
–
7
111
Fast PWM
OCRnA
TOP
TOP
Bit
7
6
5
4
3
2
1
0
0x33 (0x53)
FOC0A
FOC0B
–
–
WGM02
CS02
CS01
CS00
TCCR0B
Read/Write
W
W
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
0x2E (0x4E)
FOC1A
FOC1B
–
–
WGM12
CS12
CS11
CS10
TCCR1B
Read/Write
W
W
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com