Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 103 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 103 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 99Page - ATMEL Corporation ATtiny43U Datasheet HTML 100Page - ATMEL Corporation ATtiny43U Datasheet HTML 101Page - ATMEL Corporation ATtiny43U Datasheet HTML 102Page - ATMEL Corporation ATtiny43U Datasheet HTML 103Page - ATMEL Corporation ATtiny43U Datasheet HTML 104Page - ATMEL Corporation ATtiny43U Datasheet HTML 105Page - ATMEL Corporation ATtiny43U Datasheet HTML 106Page - ATMEL Corporation ATtiny43U Datasheet HTML 107Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 182 page
background image
103
8048B–AVR–03/09
<continued>
SPITransfer_loop:
out
USICR,r17
in
r16, USISR
sbrs
r16, USIOIF
rjmp
SPITransfer_loop
in
r16,USIDR
ret
The code is size optimized using only eight instructions (plus return). The code example
assumes that the DO and USCK pins have been enabled as outputs in DDRA. The value stored
in register r16 prior to the function is called is transferred to the slave device, and when the
transfer is completed the data received from the slave is stored back into the register r16.
The second and third instructions clear the USI Counter Overflow Flag and the USI counter
value. The fourth and fifth instructions set three-wire mode, positive edge clock, count at USITC
strobe, and toggle USCK. The loop is repeated 16 times.
The following code demonstrates how to use the USI as an SPI master with maximum speed
(f
SCK = fCK/2):
SPITransfer_Fast:
out
USIDR,r16
ldi
r16,(1<<USIWM0)|(0<<USICS0)|(1<<USITC)
ldi
r17,(1<<USIWM0)|(0<<USICS0)|(1<<USITC)|(1<<USICLK)
out
USICR,r16 ; MSB
out
USICR,r17
out
USICR,r16
out
USICR,r17
out
USICR,r16
out
USICR,r17
out
USICR,r16
out
USICR,r17
out
USICR,r16
out
USICR,r17
out
USICR,r16
out
USICR,r17
out
USICR,r16
out
USICR,r17
out
USICR,r16 ; LSB
out
USICR,r17
in
r16,USIDR
ret



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com