Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 108 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 104Page - ATMEL Corporation ATtiny43U Datasheet HTML 105Page - ATMEL Corporation ATtiny43U Datasheet HTML 106Page - ATMEL Corporation ATtiny43U Datasheet HTML 107Page - ATMEL Corporation ATtiny43U Datasheet HTML 108Page - ATMEL Corporation ATtiny43U Datasheet HTML 109Page - ATMEL Corporation ATtiny43U Datasheet HTML 110Page - ATMEL Corporation ATtiny43U Datasheet HTML 111Page - ATMEL Corporation ATtiny43U Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 182 page
background image
108
8048B–AVR–03/09
ATtiny43U
nally, and data input sampled, even when outputs are disabled. The relations between
USIWM1..0 and the USI operation is summarized in Table 14-1.
Note:
1. The DI and USCK pins are renamed to Serial Data (SDA) and Serial Clock (SCL) respectively
to avoid confusion between the modes of operation.
• Bit 3:2 – USICS[1:0]: Clock Source Select
These bits set the clock source for the USI Data Register and counter. The data output latch
ensures that the output is changed at the opposite edge of the sampling of the data input
(DI/SDA) when using external clock source (USCK/SCL). When software strobe or
Timer/Counter0 Compare Match clock option is selected, the output latch is transparent and
therefore the output is changed immediately.
Clearing the USICS[1:0] bits enables software strobe option. When using this option, writing a
one to the USICLK bit clocks both the USI Data Register and the counter. For external clock
source (USICS1 = 1), the USICLK bit is no longer used as a strobe, but selects between external
clocking and software clocking by the USITC strobe bit.
Table 14-1.
Relationship between USIWM[1:0] and USI Operation
USIWM1
USIWM0
Description
00
Outputs, clock hold, and start detector disabled.
Port pins operate as normal.
01
Three-wire mode. Uses DO, DI, and USCK pins.
The Data Output (DO) pin overrides the corresponding bit in the PORTA
register. However, the corresponding DDRA bit still controls the data direction.
When the port pin is set as input the pin pull-up is controlled by the PORTA bit.
The Data Input (DI) and Serial Clock (USCK) pins do not affect the normal port
operation. When operating as master, clock pulses are software generated by
toggling the PORTA register, while the data direction is set to output. The
USITC bit in the USICR Register can be used for this purpose.
10
Two-wire mode. Uses SDA (DI) and SCL (USCK) pins(1).
The Serial Data (SDA) and the Serial Clock (SCL) pins are bi-directional and
use open-collector output drives. The output drivers are enabled by setting the
corresponding bit for SDA and SCL in the DDRA register.
When the output driver is enabled for the SDA pin, the output driver will force the
line SDA low if the output of the
USI Data Register or the corresponding bit in
the PORTA register is zero. Otherwise, the SDA line will not be driven (i.e., it is
released). When the SCL pin output driver is enabled the SCL line will be forced
low if the corresponding bit in the PORTA register is zero, or by the start
detector. Otherwise the SCL line will not be driven.
The SCL line is held low when a start detector detects a start condition and the
output is enabled. Clearing the Start Condition Flag (USISIF) releases the line.
The SDA and SCL pin inputs is not affected by enabling this mode. Pull-ups on
the SDA and SCL port pin are disabled in Two-wire mode.
11
Two-wire mode. Uses SDA and SCL pins.
Same operation as in two-wire mode above, except that the SCL line is also
held low when a counter overflow occurs, and until the Counter Overflow Flag
(USIOIF) is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com