Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 115 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 111Page - ATMEL Corporation ATtiny43U Datasheet HTML 112Page - ATMEL Corporation ATtiny43U Datasheet HTML 113Page - ATMEL Corporation ATtiny43U Datasheet HTML 114Page - ATMEL Corporation ATtiny43U Datasheet HTML 115Page - ATMEL Corporation ATtiny43U Datasheet HTML 116Page - ATMEL Corporation ATtiny43U Datasheet HTML 117Page - ATMEL Corporation ATtiny43U Datasheet HTML 118Page - ATMEL Corporation ATtiny43U Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 182 page
background image
115
8048B–AVR–03/09
16. Analog to Digital Converter
16.1
Features
• 10-bit Resolution
• 1 LSB Integral Non-linearity
• ± 2 LSB Absolute Accuracy
• 13µs Conversion Time
• 15 kSPS at Maximum Resolution
• Four Multiplexed Single Ended Input Channels
• Temperature Sensor Input Channel
• Optional Left Adjustment for ADC Result Readout
• 0 - V
CC ADC Input Voltage Range
• 1.1V ADC Reference Voltage
• Free Running or Single Conversion Mode
• ADC Start Conversion by Auto Triggering on Interrupt Sources
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Cancele
16.2
Overview
ATtiny43U features a 10-bit, successive approximation Analog-to-Digital Converter (ADC). A
block diagram of the ADC is shown in Figure 16-1.
Figure 16-1. Analog to Digital Converter Block Schematic
ADMUX
ADMUX
DECODER
DECODER
8-BIT DATA BUS
ADCSRA
ADCSRA
ADCH+ADCL
ADCH+ADCL
TRIGGER
TRIGGER
SELECT
SELECT
PRESCALER
PRESCALER
CONVERSION LOGIC
CONVERSION LOGIC
10-BIT DAC
10-BIT DAC
ADCSRB
ADCSRB
-
+
ADC3
ADC3
ADC2
ADC2
ADC1
ADC1
ADC0
ADC0
VCC
CC
INPUT
INPUT
MUX
MUX
ADC IRQ
ADC IRQ
SAMPLE & HOLD
SAMPLE & HOLD
COMPARATOR
COMPARATOR
VBAT
VBAT
1/2
1/2
INTERNAL
INTERNAL
REFERENCE
REFERENCE
TEMPERATURE
TEMPERATURE
SENSOR
SENSOR
AGND
ADC MUX OUTPUT
ADC MUX OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com