Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 126 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 122Page - ATMEL Corporation ATtiny43U Datasheet HTML 123Page - ATMEL Corporation ATtiny43U Datasheet HTML 124Page - ATMEL Corporation ATtiny43U Datasheet HTML 125Page - ATMEL Corporation ATtiny43U Datasheet HTML 126Page - ATMEL Corporation ATtiny43U Datasheet HTML 127Page - ATMEL Corporation ATtiny43U Datasheet HTML 128Page - ATMEL Corporation ATtiny43U Datasheet HTML 129Page - ATMEL Corporation ATtiny43U Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 182 page
background image
126
8048B–AVR–03/09
ATtiny43U
perature sensor is enabled, the ADC converter can be used in single conversion mode to
measure the voltage over the temperature sensor.
The measured voltage has a linear relationship to the temperature as described in Table 16-2
The sensitivity is approximately 1 LSB / °C and the accuracy depends on the method of user cal-
ibration. Typically, the measurement accuracy after a single temperature calibration is ±10°C,
assuming calibration at room temperature. Better accuracies are achieved by using two
temperature points for calibration.
The values described in Table 16-2 are typical values. However, due to process variation the
temperature sensor output voltage varies from one chip to another. To be capable of achieving
more accurate results the temperature measurement can be calibrated in the application soft-
ware. The sofware calibration can be done using the formula:
T = k * [(ADCH << 8) | ADCL] + T
OS
where ADCH and ADCL are the ADC data registers, k is the fixed slope coefficient and T
OS is the
temperature sensor offset. Typically, k is very close to 1.0 and in single-point calibration the
coefficient may be omitted. Where higher accuracy is required the slope coefficient should be
evaluated based on measurements at two temperatures.
16.13 Register Description
16.13.1
ADMUX – ADC Multiplexer Selection Register
• Bit 7 – Res: Reserved Bit
This bit is reserved and must always be written zero.
• Bit 6 – REFS: Reference Selection Bit
This bit selects the voltage reference for the ADC, as shown in Table 16-3 on page 126. If this bit
is changed during a conversion, the change will not go in effect until this conversion is complete
(ADIF in ADCSR is set).
• Bits 5:3 – Res: Reserved Bits
These bits are reserved and will always read zero.
Table 16-2.
Temperature vs. Sensor Output Voltage (Typical Case)
Temperature
-40
°C+25 °C+85 °C
ADC
230 LSB
300 LSB
370 LSB
Bit
765
432
10
0x07 (0x27)
–
REFS
–––
MUX2
MUX1
MUX0
ADMUX
Read/Write
R/W
R/W
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 16-3.
Voltage Reference Selections for ADC
REFS
Voltage Reference Selection
0VCC used as analog reference.
1
Internal 1.1V Voltage Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com