Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 174 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 174 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 170Page - ATMEL Corporation ATtiny43U Datasheet HTML 171Page - ATMEL Corporation ATtiny43U Datasheet HTML 172Page - ATMEL Corporation ATtiny43U Datasheet HTML 173Page - ATMEL Corporation ATtiny43U Datasheet HTML 174Page - ATMEL Corporation ATtiny43U Datasheet HTML 175Page - ATMEL Corporation ATtiny43U Datasheet HTML 176Page - ATMEL Corporation ATtiny43U Datasheet HTML 177Page - ATMEL Corporation ATtiny43U Datasheet HTML 178Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 182 page
background image
174
8048B–AVR–03/09
ATtiny43U
26. Errata
The revision letter in this section refers to the revision of the ATtiny43U device.
26.1
ATtiny43U
26.1.1
Rev. C
• Increased Probability of Boost Converter Entering Active Low Current Mode
1.
Increased Probability of Boost Converter Entering Active Low Current Mode
The boost converter may enter and stay in Active Low Current Mode at supply voltages and
load currents higher than those specified. This is due to high switching currents in bonding
wires of the SOIC package. Devices packaged in MLF are not affected.
Problem Fix / Workaround
Add a 1.5nF capacitor between pins LSW and GND of the SOIC package. Also, increase the
value of the by-pass capacitor between pins V
CC and GND to at least 30µF.
Alternatively, use the device in MLF, without modifications.
26.1.2
Rev. B
Not sampled.
26.1.3
Rev. A
Not sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com