Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 212 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 212 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 208Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 209Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 210Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 211Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 212Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 213Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 214Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 215Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 216Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 976 page
background image
Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
134
Freescale Semiconductor
NOTE
Due to the conditional nature of 32-bit ARM instructions, when in ARM
mode, Program Trace will be implemented using Branch History/Predicate
Instruction Messages. When in Thumb mode, the user can select between
traditional Program Trace using Direct/Indirect Branch Messages, or
Branch History Messages.
If the Branch History method is selected in Thumb mode, the shaded
TCODES above will not be messaged out.
Program Trace –
Program
Correlation
Message
6
6
TCODE
fixed
TCODE number = 33
4
4
SRC
fixed
source processor identifier (multiple Nexus configuration)
4
4
ECODE
fixed
event correlated with program flow (Refer to Table 11-5)
1
8
I-CNT
variable
# sequential instructions executed since last taken branch
1
32
HIST
variable
branch / predicate instruction history
Table 11-2. Error Code Encoding (TCODE = 8)
Error Code
Description
00000
Ownership Trace overrun
00001
Program Trace overrun
00010
Data Trace overrrun
00011
Read/write access error
00101
Invalid access opcode (Nexus Register unimplemented)
00110
Watchpoint overrun
00111
(Program Trace or Data Trace) & Ownership Trace overrun
01000
(Program Trace or Data Trace or Ownership Trace) & Watchpoint overrun
01001–10111
Reserved
11000
BTM lost due to collision w/ higher priority message
11001–11111
Reserved
Table 11-3. Watchpoint Source Encoding (TCODE = 15)
Watchpoint Code
Description
xxxx xxx1
ARM7 Watchpoint 0
xxxx xx1x
ARM7 Watchpoint 1
xxxx x1xx
Nexus Watchpoint 1
Table 11-1. Public TCODEs Supported (Continued)
Message Name
Minimum
Packet
Size (bits)
Maximum
Packet
Size (bits)
Packet
Name
Packet
Type
Packet Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com