Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 209 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 209 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 205Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 206Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 207Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 208Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 209Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 210Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 211Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 212Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 213Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 976 page
background image
Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
131
11.1.3
Modes of Operation
There are three (3) basic modes of operation for the A7S Nexus3 block.
•Reset
•
Normal
•
Disabled
11.1.3.1
Reset
The reset configuration is received via the EVTI pin to enable or disable the A7S Nexus3 module. EVTI
is sampled synchronously at the exit from the JTAG Test-Logic-Reset state. Reset configuration
information must be valid on EVTI during the JTAG “Test Logic Reset” state (see 11.12, “IEEE 1149.1
State Machine and RD/WR Sequences”).
The A7S Nexus3 module will disable (drive inactive) the output pins during the JTAG Test-Logic-Reset
state or when a Power-on-Reset (POR) event occurs.
11.1.3.2
Normal
If EVTI is asserted at the exit from JTAG Test-Logic-Reset, the A7S Nexus3 module will be enabled. The
module will be ready to accept control input via the JTAG pins.
The A7S Nexus3 module may also be enabled by loading the NEXUS-ACCESS instruction into the JTAG
Instruction Register. Once the A7S Nexus3 module has been enabled, it will remain enabled until entry
into the JTAG Test-Logic-Reset state.
11.1.3.3
Disabled
If EVTI is negated at the exit from JTAG Test-Logic-Reset, the A7S Nexus3 module will be disabled. No
trace output will be provided, auxiliary port output pins (MDO, MSEO, MCKO) will be disabled (driven
inactive), and Nexus3 registers will not be accessible for reads or writes.
NOTE
If there is no debug/development tool connected to the SoC, the EVTI pin
should be held de-asserted in order to keep the Nexus3 module disabled.
The A7S Nexus3 module may be enabled after the exit from JTAG Test-Logic-Reset state by loading the
NEXUS-ACCESS instruction into the JTAG Instruction Register.
11.1.4
TCODEs supported
The A7S Nexus3 pins allow for flexible transfer operations via Public Messages. A TCODE defines the
transfer format, the number and/or size of the packets to be transferred, and the purpose of each packet.
The IEEE-ISTO 5001 standard defines a set of public messages. The A7S Nexus3 block supports the
public TCODEs seen in Table 11-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com