Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 207 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 207 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 203Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 204Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 205Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 206Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 207Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 208Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 209Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 210Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 211Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
129
Chapter 11
A7S Nexus3 Module
11.1
Introduction
The A7S Nexus3 module provides real-time development capabilities for ARM7™ core based
microcontrollers in compliance with the IEEE-ISTO Nexus 5001. This module provides development
support capabilities for MCUs without requiring address and data pins for internal visibility.
A portion of the pin interface is also compliant with the IEEE 1149.1 JTAG standard. The IEEE-ISTO
5001 standard defines an extensible auxiliary port which, for ARM7, will be used in conjunction with the
JTAG port.
Figure 11-1. A7S Nexus3 Functional Block Diagram
mseo_b(0)
mcko
Nexus3 Block
JTAG/ICE Block (within ARM7 core)
JTAG/ICE
Breakpoint /
Watchpoint
Control
mdo(N:0)
tdo
tdi
tms
tck
trst_b
evto_b
rdy_b
evti_b
DMA Registers
Control/Status
Registers
Registers
Message
Queues
Memory
Control
mseo_b(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com