Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 203 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 203 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 199Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 200Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 201Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 202Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 203Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 204Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 205Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 206Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 207Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 976 page
background image
System Boot Sequence
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
125
Note that in both Programming and “Normal” modes, the system is required to dynamically re-map a
memory into address $0000 0000. Because of the pre-fetch/fetch pipeline in the ARM7 core, this requires
some “overlap” between the code in the original memory and the newly swapped in memory. The easiest
way to do this is to insert NOP opcodes into both sets of code at the right location. The following example
illustrates this, using the switch between the bootloader code in the Shadow Block, and the application
code in the Instruction Flash. Note that the example uses “pseudo assembly code”, rather than actual
ARM7 code.
At least 3 NOPs should be used in both the “original” and “new” code.
Address
Original Code
(PBL)
in the Shadow Block
New Code
(App. Code)
in the Flash Main Array
$0000 0000
JMP $0000_0000
NOP
$0000 0004
NOP
NOP
$0000 0008
NOP
NOP
$0000 000C
NOP
App. Code starts here...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com