Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 201 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 201 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 197Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 198Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 199Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 200Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 201Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 202Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 203Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 204Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 205Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 976 page
background image
System Boot Sequence
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
123
9.18
System Boot Sequence
9.18.1
Programming with a Bootloader
Programming House
Program the Primary Bootloader code into the Shadow Block via the JTAG port
•
Done in Normal/Secured Bootloader Mode with the core in debug mode
•
Primary Bootloader code is usually less than 20KB
•
Branch to Primary Bootloader loaded into Reset Vector ($0000 0000)
•
Flash is unsecured
First Sub-Supplier
Boot the device from the Shadow Block (Normal/Secured Bootloader Mode)
•
Primary Bootloader checks for empty Flash Main Array
Flash is empty
Flash is not empty
First Sub-Supplier
Program application code into the Flash Main Array
•
Primary Bootloader loads Secondary Boot Loader (SBL) into the SRAM via a
pre-defined peripheral/protocol (Flash is secured, so JTAG is disabled)
•
SBL is temporary - Only to program the application code into the Flash array
•
Requires that all ISRs reside in SRAM => Primary Bootloader relocates SRAM
to address $0000 0000 (Flash stays at address $2000 0000)
•
SBL loads the application code (via a pre-defined peripheral/protocol) into the
Flash Main Array at address $2000 0000
•
SBL relocates FLASH to address $0000 0000 and SRAM back to address
$4000 0000
(No application code)
Application
Execute application code at address $0000 0000
•
Relocate Flash to address $0000 0000 (Use exception table from the application code)
•
Jump to address $0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com