Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 202 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 202 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 198Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 199Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 200Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 201Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 202Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 203Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 204Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 205Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 206Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 976 page
background image
System Boot Sequence
MAC7200 Microcontroller Family Reference Manual, Rev. 2
124
Freescale Semiconductor
Figure 9-4. Device Programming Sequence
9.18.2
“Normal” Boot with a Bootloader
Figure 9-5. Device “Normal” Boot Sequence
Reset/Power-On
•
Flash determines security state of the MAC72xx
•
Mode signals determine Chip Mode
Normal Expanded
•
Relocate Flash
•
Boot from
FlexBus
Secure Expanded
•
Disable Flash
•
Boot from
FlexBus
Normal Bootloader
•
Boot from
Shadow Block
Secure Bootloader
•
Disable EICE/
Nexus/JTAG
•
Boot from
Shadow Block
Application
•
Execute application code from
external memory/device
Primary Bootloader
•
Execute Primary Bootloader code from
Shadow Block at address $0000 0000
•
Primary Bootloader determines application
code (in Flash main array) is to be executed.
Core Reset
•
Instruction fetch from $0000 0000
Application
Execute application code at address $0000 0000
•
Relocate Flash main array to address $0000 0000 (So that
the exception table from the application code is used)
•
Jump to address $0000 0000
Core Reset
•
Instruction fetch from $0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com