Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 137Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 138Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 139Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 140Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 141Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 142Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 143Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 144Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 976 page
background image
Clock Generation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
63
Figure 5-3. Timing of CRG Generated Clocks
5.2.1
Clock Source Selection
With two oscillator modes, and the ability to bypass the PLL, there are four main clock selection modes
that the system may be run in:
•
Automatic Level Control (ALC) 1:1 Mode - In this mode, the oscillator is enabled, and the PLL is
bypassed.
•
Automatic Level Control (ALC) PLL Mode - In this mode, the oscillator is enabled, and the PLL
is enabled.
•
External Clock 1:1 Mode - In this mode, the oscillator is bypassed, and the PLL is bypassed.
•
External Clock PLL Mode - In this mode, the oscillator is bypassed, and the PLL is enabled.
For information on selecting the oscillator mode, please refer to Section 24.8.1, “OSC Mode Selection”.
The enabling or bypassing of the PLL is done with the PLLSEL bit in the CLKSEL register in the CRG
module.
The oscillator mode is chosen by a combination of the JTAG SC4 register and the XCLKS hardware
configuration pin, as follows:
Note that the PLL always comes up disabled (PLLSEL = 0) after a System or Power On Reset, and must
be explicitly enabled by the boot software.
In addition to the above modes, the FlexCAN, SWT and RTI all have some level of configurability with
respect to clock source.
Table 5-2. Clock Source Selection
XCLKS
PLLSEL
Mode
1
0
ALC 1:1 Mode
1
1
ALC PLL Mode
0
0
External Clock 1:1 Mode
0
1
External Clock PLL Mode
System Clock
Peripheral Bus Clock
2 3 4 1 234 1 2 34 1 2 3 41 23 4 12341
RTI Clock
SWT Clock
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com