Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 134Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 135Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 136Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 137Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 138Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 139Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 140Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 141Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 976 page
background image
Clocks Introduction
MAC7200 Microcontroller Family Reference Manual, Rev. 2
60
Freescale Semiconductor
Figure 5-1. MAC72xx Clock Tree
The MCU’s clocks can be supplied in a variety of ways, enabling a range of system operating frequencies
to be supported:
•
From the on-board Phase Locked Loop (PLL) in normal functional mode
•
From the PLL in Self Clock Mode (SCM)
•
Directly from the Oscillator
The FlexCAN modules may be configured to have their clock sources derived either from the Peripheral
Bus Clock or directly from the Oscillator Clock. This allows the user to select the CAN clock based on the
required jitter performance. Consult Chapter 28, “FlexCAN2” for more details on the operation and
configuration of the CAN modules.
The Real Time Interrupt (RTI) (in the Periodic Interrupt Timer module) and the Software Watchdog Timer
(SWT) (in the MCM module) can also be configured to run from either the Oscillator Clock or the PLL
CRG
System Clock
XTAL
EXTAL
ARM7 TDMI-S
IIC
RAM
Flash
eMIOS
ESCI_A, ESCI_B
CAN_A, CAN_B
CORE
eDMA
INT C
PLL
MUX
Oscillator
PIT
SWT
PLLCLK
OSCCLK
Shadow Block
Peripheral Bus Clock
Main Array
DSPI_A, DSPI_B,
DSPI_C
/2
ATD_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com