Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 130Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 131Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 132Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 133Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 134Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 135Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 136Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 137Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 976 page
background image
Power Supply Pins
MAC7200 Microcontroller Family Reference Manual, Rev. 2
56
Freescale Semiconductor
will be non-functional. It is critical to the operation of the ATD and the MCU that this supply be kept as
noise-free as possible.
4.4.9
VRH, VRL — ATD Reference Voltage Input Pins
VRH and VRL are the reference voltage input pins for the analog to digital converter.
4.4.10
REFBYPC — ATD Reference Voltage Bypass Capacitor
REFBYPC is used to filter the 3/4 VRH reference voltage. A 100nF external capacitor should be placed
between this pin and the VRL pin.
4.4.11
VDDPLL, VSSPLL — Power Supply Pins for PLL
These pins provide the operating voltage and ground for the Oscillator and the Phased-Locked Loop. This
allows the supply voltage to the Oscillator and PLL to be bypassed independently.This 3.3V voltage is
generated by the internal voltage regulator when the voltage regulator is enabled. Otherwise, it must be
supplied externally.
NOTE
No load allowed except for bypass capacitors.
4.4.12
VSS-TEST — Power Supply Pin
This input only pin is reserved for test. The pin must be tied to VSS in all applications. If this pin is shorted
to a VDD supply the operation of the device will be unpredictable. If the pin is left open, an internal
pulldown will protect the device operation.
Table 4-2. MAC72xx Power and Ground Connection Summary
Mnemonic
Pin Number
Nominal
Voltage
Description
144 QFP
100 QFP
VDD15a
127
92
1.5 V
Provides operating voltage and ground for the MCU core
logic, including the MCU core, all peripherals, and all
RAMs. This allows the supply voltage to the core to be
bypassed independently. When not bypassed, the core
supply is generated by the internal voltage regulators, and
these pins are used for an external bypass capacitor.
VSS15a
126
91
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com