Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 131Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 132Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 133Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 134Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 135Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 136Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 137Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 138Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 976 page
background image
Power Supply Pins
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
57
VDD15c
52
37
1.5 V
Provides operating voltage and ground for the MCU core
logic, including the MCU core, all peripherals, and all
RAMs. This allows the supply voltage to the core to be
bypassed independently. When not bypassed, the core
supply is generated by the internal voltage regulators, and
these pins are used for an external bypass capacitor.
VSS15c
53
38
0V
VDD33
124
89
3.3 V
Provides operating voltage and ground for the Flash and
I/O pre-drivers. This allows the supply voltage to the Flash
and I/O pre-drivers to be bypassed independently. When
not bypassed, the Flash and I/O pre-driver supply is
generated by the internal voltage regulators, and these pins
are used for an external bypass capacitor.
VSS33
125
90
0V
VDDR
55
40
5.0 V
Supplies external power for all internal voltage regulation.
VDDX1-4,6-11
10,20,49,63,
67,80,120
14,34,
58,87
5.0 V
Supplies external power and ground for the I/O drivers.
VSSX1-11
9,19,30,48,
62,79,95,119
13,33,57,
63,86
0 V
VDDX5
96
64
5.0 V
Supplies external power and ground for the I/O drivers, as
well as the control voltage for all internal regulator pass
transistors.
VDDA
109
76
5.0 V
Operating voltage and ground for the analog-to-digital
converters and the reference for the internal voltage
regulator, allows the supply voltage to the A/D to be
bypassed independently.
VSSA
112
79
0 V
VRH
110
77
5.0 V
Supplies external reference voltages for the
analog-to-digital converter.
VRL
111
78
0 V
VDDPLL
56
41
3.3 V
Provides operating voltage and ground for the
Phased-Locked Loop and Oscillator. This allows the supply
voltage to the PLL and Oscillator to be bypassed
independently. When not bypassed, the PLL and Oscillator
supply is generated by the internal voltage regulators, and
these pins are used for an external bypass capacitor.
VSSPLL
58
43
0 V
VPP
54
39
5.0V
Supplies external power for program and erase of the
Flash.
VSS-TEST
61
46
0V
Pin must be tied to Ground on all applications.
Table 4-2. MAC72xx Power and Ground Connection Summary
Mnemonic
Pin Number
Nominal
Voltage
Description
144 QFP
100 QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com