Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 129Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 130Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 131Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 132Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 133Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 134Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 135Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 136Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 976 page
background image
Power Supply Pins
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
55
4.4.5
VDD15a, VSS15a — Core Power Pins
These pins provide the operating voltage and ground for the MCU core logic. Because fast signal
transitions place high, short-duration current demands on the power supply, use bypass capacitors with
high-frequency characteristics and place them as close to the MCU as possible. This 1.5V supply is derived
from the internal voltage regulator when the voltage regulator is enabled. Otherwise, it must be supplied
externally. There is no static load on these pins allowed. The internal voltage regulator is turned off, if
VREGEN is tied to ground. If the VDD15a pin is grounded or left open, the device will be completely
non-functional.
NOTE
No load allowed except for bypass capacitors.
4.4.6
VDD15c/VDDF, VSS15c/VSSF — Core and Flash Logic Power Pins
These pins provide the operating voltage and ground for the MCU and Flash core logic. Because fast signal
transitions place high, short-duration current demands on the power supply, use bypass capacitors with
high-frequency characteristics and place them as close to the MCU as possible. This 1.5V supply is derived
from the internal voltage regulator when the voltage regulator is enabled. Otherwise, it must be supplied
externally. There is no static load on these pins allowed. The internal voltage regulator is turned off, if
VREGEN is tied to ground. If the VDD15c pin is grounded or left open, the MCU will be completely
non-functional.
NOTE
No load allowed except for bypass capacitors.
4.4.7
VDD33/VFLASH, VSS33 — Flash and I/O Pre-Driver Power Pins
These pins provide the operating voltage and ground for the Flash and I/O pre-drivers. Because fast signal
transitions place high, short-duration current demands on the power supply, use bypass capacitors with
high-frequency characteristics and place them as close to the MCU as possible. This 3.3V supply is derived
from the internal voltage regulator when the voltage regulator is enabled. Otherwise, it must be supplied
externally. There is no static load on these pins allowed. The internal voltage regulator is turned off, if
VREGEN is tied to ground. If the VDD33 pin is grounded or left open, the Flash and all I/O outputs will
be completely non-functional.
NOTE
No load allowed except for bypass capacitors.
4.4.8
VDDA, VSSA — Power Supply Pins for ATD and Voltage Regulator
Control
These pins provide the operating voltage and ground for the ATD and the Voltage Regulator control block.
This allows the supply voltage to the ATD to be bypassed independently of the main I/O supply VDDx
and VSSx. If the VDDA pin is grounded or left open, the ATD will be completely non-functional. If the
VDDA pin is grounded or left open, and the internal regulator is not bypassed, then the complete MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com