Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 128Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 129Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 130Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 131Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 132Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 133Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 134Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 135Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 976 page
background image
Power Supply Pins
MAC7200 Microcontroller Family Reference Manual, Rev. 2
54
Freescale Semiconductor
4.3.74
PG[15] / PCS[3] — Port G I/O Pin and DSPI_B
PG[15] is a configurable general purpose input or output pin. It can be configured to provide either high
or reduced output drives, to enable or disable either a pull-up or pull-down resistors on the pin or to provide
either an open drain or push-pull pad. The pins can be configured as a chip select pin PCS[3] when in
Master mode for the Serial Peripheral Interface B (DSPI_B). It can be configured to wake the system out
of low-power mode (DOZE) when an external signal is applied using the interrupt functionality.
4.4
Power Supply Pins
MAC72xx power and ground pins are described below.
NOTE
All VSS pins must be connected together in the application.
4.4.1
VPP — Power For Flash Program and Erase
VPP is the power supply and ground input pins for the program and erase circuitry inside the Flash. If this
pin is grounded or left open, programming and erasing of the Flash will be unavailable, and the system
will have unpredictable behavior in the case where Flash programming or erasing is attempted.
4.4.2
VDDX1-4,6-11, VSSX1-11 (except VDDX5) — Power and Ground Pins
for I/O Drivers
External power and ground for I/O drivers. Because fast signal transitions place high, short-duration
current demands on the power supply, use bypass capacitors with high-frequency characteristics and place
them as close to the MCU as possible. Bypass requirements depend on how heavily the MCU pins are
loaded. If one or more of these pins are left open, the ability of the I/O to drive loads could be
compromised, resulting in slower transition times on outputs.
4.4.3
VDDX5 /VDDAPASS — Power Pin for I/O Drivers and Control Voltage
for Internal Pass Transistors
External power for I/O drivers and control voltage for internal pass transistors. Because fast signal
transitions place high, short-duration current demands on the power supply, use bypass capacitors with
high-frequency characteristics and place them as close to the MCU as possible. Bypass requirements
depend on how heavily the MCU pins are loaded. If this pin is left open, the internal voltage regulator may
not be able to control the internal pass transistors, resulting in a completely non-functional device.
4.4.4
VDDR/VREGEN — Power Pin for the Internal Voltage Regulator
This 5.0V supply pin supplies all current for the 1.5V and 3.3V on-chip regulated supplies. This pin will
supply most of the current consumed by the device, except for the I/O, which is supplied by the
VDDx/VSSx pad pairs. If this pin is grounded, the internal voltage regulation is disabled, and all 1.5V and
3.3V supplies must be supplied from external sources through the VDD15x/VSS15x, VDD33/VSS33a and
VDDPLL/VSSPLL pin pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com