Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 143Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 144Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 145Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 146Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 147Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 148Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 149Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 150Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 976 page
background image
Oscillator
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
69
•
Global clock gating refers to clock gating inside the CRG module which gates entire clock
domains. Figure 5-2 illustrates the global clock gating on the MAC72xx. More information on this
can be found in the CRG documentation.
•
Local clock gating is implemented inside the CGL, and gates a particular clock for a particular
module. Please refer to the individual chapters for information on gating conditions.
A low power STOP mode is not supported on the MAC72xx.
Since STOP mode is not implemented on the MAC72xx, the user may only control the granularity of
power consumption in DOZE mode, or via the MDIS bit in each module.This topic is discussed in more
detail in Section Chapter 3, “Low Power Modes”.
Figure 5-8 shows the overview of the clock gating and distribution on the MAC72xx.
5.5
Oscillator
Refer to Chapter 24, “Oscillator (OSC) for details on the Oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com