Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 147Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 148Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 149Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 150Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 151Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 152Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 153Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 154Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 976 page
background image
Power On Reset (POR)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
73
6.2
Power On Reset (POR)
Power On Reset is the reset initiated when the device is being powered up. It is generated by the Voltage
Regulator when the voltage supply of the device is below a certain threshold (called the POR trip point).
The POR is used to reset or control the following:
•
Flash internal circuits
•
CRG system reset generation logic
•
CRG debug reset generation logic
•
Pad/Level shifter inhibitors
6.3
System Reset
The System Reset is the main reset in the system that is used to reset the majority of the logic in the system.
It can be caused by any of the following events:
All of the above sources may be detected by software (after the reset) by reading the appropriate register(s)
in the CRG module. Note that the use of the MRSR register in the MCM is deprecated.
6.4
Debug Reset
The Debug Reset is generated from the Power-On Reset (POR) of the system, and is intended to reset the
debug logic, which should not be reset during a general system reset (i.e.-when the user presses a reset
button).
On the MAC72xx, the Debug Reset is initiated by either of the following two conditions:
•
a Power-On Reset (POR)
•
Setting of bit 5 in the SC4 Test Register (See Section 35.1.1, “JTAG Test Register (SC4)”)
Asserting the debug reset will reset the following logic on the MAC72xx:
•
EICE in the ARM7 core, including the TAP state machine
•
JTAG synchronization logic in the Test Controller
•
SC4 register in the Test Controller
Table 6-1. System Reset Sources
Event
Source
Maskable ?
Power On Reset (POR)
Voltage Regulator
No
Low Voltage Reset (LVR)
Voltage Regulator
No
RESET
External
No
Software Watchdog Timer (SWT)
MCM
Yes (In the MCM)
Crystal Monitor Reset
Crystal Monitor
Yes (In the CRG)
Software Reset
SSM
Yes
Illegal Address
Not implemented
Not implemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com