Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 150Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 151Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 152Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 153Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 154Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 155Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 156Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 157Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 976 page
background image
System Configuration at Reset
MAC7200 Microcontroller Family Reference Manual, Rev. 2
76
Freescale Semiconductor
•
Periodic Interrupt Timer (PIT)
•eMIOS (MTS)
•IIC
•FlexCAN
•
DSPI
Following a Debug Reset, the Nexus is disabled, and must be explicitly enabled. Please refer to
Section 11.1.3, “Modes of Operation” for more information.
6.7.4
I/O pins
Refer to Chapter 34, “Port Integration Module (PIM_MAC7202)” for mode dependent pin configuration
of port A, C and D out of Reset. All other pins are configured as General Purpose Inputs out after a POR
or System Reset. Debug Reset has no effect on the configuration of GPIO pins.
NOTE
All non-bonded out pins should be configured as outputs or pull-ups or
pull-downs enabled after reset in order to avoid current drawn from floating
inputs. Refer to Table 4-1 for affected pins.
6.7.5
Memories
Refer to Chapter 9, “Device Memory Map” for locations of the memories depending on the operating
mode after Reset.
The RAM array is not automatically initialized out of Reset. Because of the ECC functionality built into
the RAM, the array must be initialized using 32-bit writes. After initialization, the array may be accessed
using 8, 16 and 32-bit reads and writes.
6.8
System Configuration at Reset
The reset state of the system will be:
•
All pads on Ports A-G are placed into GPI mode, except in Expanded Mode, where all external bus
pins are placed in Primary Peripheral Mode.
— Pin A0 to A15 - DATA0 to DATA15
— Pin C0 to C15 - ADDR0 to ADDR15
— Pin D0 to D2 - BWE0, BWE1, CLKOUT
— Pin D5 to D15 - ADDR16 to ADDR21, BURST, TA, CS0, R/W
•
TDI pad is an input with pull-up enabled
•
TDO pad is an output with fastest slew rate selected
•
TCK pad is an input with pull-down enabled
•
TMS pad is an input with pull-up enabled
•RESET initially driven by the CRG, but switched to an input after the initial power-on reset setup
by the CRG. This can be thought of as an open-drain RESET pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com