Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 148Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 149Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 150Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 151Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 152Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 153Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 154Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 155Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 976 page
background image
Software Reset
MAC7200 Microcontroller Family Reference Manual, Rev. 2
74
Freescale Semiconductor
•
SC5 register in the Test Controller
•
SC6 register in the Test Controller
•
SC7 register in the Test Controller
•
BIST muxing in the Test Controller
•
Scan testpoints in the Test Controller
•
The debug reset assertion logic in the Test Controller (i.e.-self clearing reset)
•
Nexus registers
What is not explicitly reset are the Nexus registers, which are reset solely by taking the ARM7 TAP state
machine into the Test-Logic Reset State ($F). Since the ARM7 core TAP state machine is driven by the
debug reset, and resets into the Test-Logic Reset State, this effectively forces the reset of the Nexus
registers as well.
6.5
Software Reset
A software initiated reset of the system may be performed by performing a series of writes to the Software
Reset register in the SSM module. Please refer to Chapter 25, “System Service Module
(SSM_MAC7202)” for details on this. Performing a software reset in this manner is virtually identical to
resetting the device via the RESET pin.
6.6
Reset Implementation
Figure 6-1 illustrates the resets in the MAC72xx. Some points to note are:
•
The Nexus is reset by cycling the TAP controller in the A7 through the Test-Logic Reset state ($F).
This is done inside the Nexus block.
•
Since the Debug Reset is asserted during a Power On Reset, and the TAP State Machine is reset to
the Test-Logic Reset state on a Debug Reset, the Nexus logic will automatically be reset on a POR
event without the need to explicitly use the POR signal in the Nexus.
•
Bringing up the MAC72xx in debug mode will consist of the following steps:
— Power on the MAC72xx. This will reset the ARM7 core, EICE and Nexus.
— A breakpoint at address $0000 0000 is programmed into the EICE
— The external reset is asserted, resetting the system except for the EICE and Nexus
— The processor boots, and fetches its first instruction from $0000 00000, which hits the
previously hit breakpoint, and the system enters DEBUG mode.
Alternatively, the following series of steps may also be used:
— Power on the MAC72xx, while holding the RESET pin low (asserted). This will reset the EICE
and Nexus, but hold the core in a reset state
— A breakpoint at address $0000 0000 is programmed into the EICE
— The external reset is released, starting the execution of the core
— The processor boots, and fetches its first instruction from $0000 00000, which hits the
previously hit breakpoint, and the system enters DEBUG mode.
•
Switching Nexus ports will consist of the following steps:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com