Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 153 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 153 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 149Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 150Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 151Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 152Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 153Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 154Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 155Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 156Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 976 page
background image
Effects of Reset
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
75
— Power on the MAC72xx. This will reset the ARM7 core, EICE and Nexus.
— While RESET is asserted, drive the Nexus Present (PF1) and Nexus Port Select (PF0) lines to
enable/disable a particular Nexus Port
— The Nexus is reset by cycling through the Test Reset state in the TAP controller
— Once the Nexus resets, it latches in the EVTI bit from the selected Nexus port.
6.7
Effects of Reset
6.7.1
Hardware Configuration
When a POR or System Reset occurs, the following pins are sampled while the RESET pin is asserted
(low) in order to determine the configuration of the system:
•
MODA (PD1)
•
MODB (PD0)
•
NEXPORTSEL (PF0)
•
NEXPRESENT (PF1)
•
AUTOACK (PF2)
•
PORTSIZE (PF3)
In addition, on a POR or System Reset, the security state of the system is determined from the System
Censor word in the Flash (See Section 18.7.9, “Flash Security”). This means that a currently secured
system may come out of reset as secured, and vice-versa.
The oscillator mode selection is done via the XCLKS hardware configuration pin (PD2), but only during
the following conditions:
•POR, or
•
System Reset after a loss of clock has occurred.
6.7.2
Register States
When a POR or System Reset occurs, MCU registers and control bits are changed to known start-up states.
Refer to the respective module chapters for register reset states.
When a Debug Reset occurs, the following registers are reset:
•
EICE registers. Please refer to the ARM7 documentation for more information.
•
Nexus registers. Please refer to Chapter 11, “A7S Nexus3 Module” for more information.
•
TAP State Machine. Please refer to the ARM7 documentation for more information.
6.7.3
Peripheral Disabled State
Following a Power on Reset or a System Reset, the following peripheral modules are disabled, and must
be enabled before they can be used:
•eSCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com