Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 164 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 164 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 160Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 161Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 162Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 163Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 164Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 165Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 166Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 167Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 976 page
background image
Interrupts
MAC7200 Microcontroller Family Reference Manual, Rev. 2
86
Freescale Semiconductor
7.3.1
Interrupt Clearing
By definition, all interrupt flags that can be cleared by accessing an interrupt status bit should be cleared
by writing ‘1’. Clear on read, or clear on write 0 are not allowed on the MAC72xx device. All interrupts
sources have been checked, and meet this requirement. The obvious exception are the external interrupts
XIRQ, IRQ and NMI.
7.3.2
XIRQ and IRQ
Please also see Section 7.3.4, “Non-Maskable Interrupt (NMI)” for details on the NMI, and the behaviour
of the XIRQ interrupt pin when in NMI mode.
7.3.3
PIT RTI and Timer 4
The PIT Timer 4 and RTI interrupts are OR’d together in order to allow maximum flexibility in PIT
interrupt generation. Combined with the fact that the Timer 4 and RTI interrupts can be masked
independently, this enables the following use cases:
•
Mask RTI and unmask Timer 4: Timer 4 will generate the interrupt
•
Mask Timer 4 and unmask RTI: RTI will generate the interrupt
•
Unmask both: Timer 4 or RTI will generate the interrupt
•
Mask both: no interrupts generated
7.3.4
Non-Maskable Interrupt (NMI)
The actual implementation of the NMI on the MAC72xx is done almost completely within the MCM
module. The NMI has the following features:
•
Write-once enabling of NMI mode in order to improve fault tolerance
•
Write-once selectable NMI polarity in order to improve fault tolerance
•
NMI Pending status
Because the IRQ and FIRQ interrupts may be masked by software in the ARM7 core, and modification to
the ARM7 core was not deemed acceptable, an alternative method for implementing the NMI was
conceived. The ARM7 core exceptions look like:
Table 7-3. ARM7 Core Exception
Priority
Exception
Software Maskable ?
Highest
1
RESET
No
2
Data Abort
No
3FIRQ
Yes
4IRQ
Yes
5
Pre-fetch Abort
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com