Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 161Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 162Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 163Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 164Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 165Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 166Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 167Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 168Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 976 page
background image
Interrupts
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
87
There are several requirements for the NMI on the MAC72xx:
•
NMI is re-entrant
•
Minimize NMI latency
•
Automatic disabling of IRQ/FIRQ during NMI handling with the possibility of explicit software
re-enable
•
NMI has priority in the case of simultaneous NMI/Pre-fetch abort
The Data Abort exception has a higher priority in the core than the Instruction Abort, but since the NMI
must be associated with a bus access, the interrupt latency can be improved by associating it with
instruction fetches, which are far more frequent. This means that a normal Data Abort will have higher
priority than an NMI, which may not be desirable.
To implement a "truer" NMI, the abort could be forced, regardless of the access type (instruction or data).
This would place more burden on the customer, in that they would have to check for NMIs in both the
Instruction and Data Abort exception routines, but this would give us a statistically better latency at least.
However, even with this scheme, there is no guaranteed latency. Due to the nature of the ARM instruction
set (i.e.-almost all instructions can be made conditional), a handshaking scheme should be implemented
that tags every bus access with an NMI-caused abort until the user services the NMI. It may be tricky to
avoid re-entrancy of the Data Abort routine with this scheme.
The sequence of events in the system looks like the following:
1. System resets in non-NMI mode
2. Software puts the SoC put into NMI mode and sets NMI polarity by writing a write-once register
in the MCM. Until this happens the NMI interrupts are disabled, regardless of the value of the
ipi_nmi input.
3. Once NMI mode is entered, the SoC forces proper sensitization of the path from ipp_ind (pad
PD3) to the ipp_nmi input on the platform.
4. When a change from passive to active is seen on ipi_nmi (i.e.-edge sensitive), the MCM performs
the following actions:
— Set the NMI Pending bit in the MCM
— Drive the FIRQ/IRQ inputs to the core negated
— Begin tagging all instruction fetches as aborted
5. When one of the tagged instructions enters the execute phase in the ARM7 pipeline, a Pre-fetch
abort exception is taken (assuming no higher exception occurs at the same time).
6. Upon seeing the instruction fetch to $0000_000C (Pre-fetch abort), the MCM stops tagging the
instructions.
7. The ISR saves off all registers (i.e.-switch context, PC, PSR, etc.)
6
Undefined Instruction
No
Lowest
7
SWI
Yes
Table 7-3. ARM7 Core Exception (Continued)
Priority
Exception
Software Maskable ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com