Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 169 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 169 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 165Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 166Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 167Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 168Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 169Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 170Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 171Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 172Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 173Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 976 page
background image
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
91
Chapter 8
Debug
8.1
Debug Introduction
The MAC7200 family of devices offers debugging with the ARM Core’s EmbeddedICE and a NEXUS 3
interface. EmbeddedICE offers debug features such as setting Breakpoints or Watchpoints, modifying and
reading memory contents. EmbeddedICE uses the standard JTAG serial interface and Test Access Port
(TAP), and is compatible with existing ARM tool chains. The NEXUS interface provides real time
program and data trace capability and also uses the JTAG port, as well as providing an auxiliary port. The
auxiliary port can be provided in two pin positions depending on the device and package. Please refer to
Chapter 11, “A7S Nexus3 Module” for more information on configuring and using the Nexus interface.
For details on the E-ICE interface please refer to Debugging Your System in the ARM7TDMI-S Users
Manual, or ARM Application Note 31’ Using Embedded’.
8.2
Debug Features
•
Customer visible SC4 Debug Register with the following functionality:
— JTAG Lockout Recovery
— Device ID
— Debug Reset
— Chip Status
— Core Run Control
•
Please refer to Section 10.2, “ARM7 Features” for a list of debug related ARM7 features.
•
Please refer to Section 11.1.2, “Nexus Feature List” for a list of debug related Nexus features.
8.3
Debug Protocol
The JTAG interface and TAP state machine follow the IEEE 1149.1-1990 protocol. Note that the
MAC72xx does not support JTAG, but simply uses the JTAG protocol as a standard debug interface.
8.4
Debug Implementation
8.4.1
JTAG Interface
The JTAG interface on the MAC72xx is accessed using the following pins:
•
TCK - Input Clock
•
TMS - Input Mode Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com