Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 170 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 170 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 166Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 167Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 168Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 169Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 170Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 171Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 172Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 173Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 174Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 976 page
background image
Debug Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
92
Freescale Semiconductor
•
TDI - Serial Data In
•
TDO - Serial Data Out
Through the JTAG interface, the following may be accessed (See also Table 11-8):
•
ARM7 EICE registers
•
Nexus registers
•
Debug register (SC4)
Although there are several blocks of logic that can be accessed through the JTAG interface, the MAC72xx
contains only a single TAP state machine, located in the ARM7 complex. This TAP State Machine is used
to select the various JTAG-accessible registers in the system. This is illustrated in Figure 8-1.
Figure 8-1. JTAG Interface Overview
Selection between the different pieces of Test Logic on the MAC72xx is done by decoding the dbg_ir[3:0]
and dbg_scan_n[3:0] signals from the TAP state machine. Table 8-1 shows the decoding for the
MAC72xx. The dbg_tapsm[3:0] signal is the current state of the TAP state machine, and is used by the
PTI and Nexus to determine which JTAG state the TAP is currently in.
Based on which test logic is selected, the TCK, TMS, TDI and TDO inputs/outputs are routed to the correct
destination. The following figures illustrate this.
Table 8-1. JTAG Test Logic Selection
dbg_ir[3:0]
dbg_scan_n[3:0]
Function
$2 (SCAN_N)
$4
ARM7 Scan Chain 0 Selected
$C (INTEST)
$4
Debug Register SC4 Selected
$8 (NEXUS_ACCESS)
n/a
Nexus Selected
PTI
ARM7
TAP State
Machine
Nexus
TCK
TMS
TDI
TDO
Synchr.
Logic
dbg_ir[3:0]
dbg_tapsm[3:0]
dbg_scan_n[3:0]
tck/tms/tdi/tdo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com