Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 168Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 169Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 170Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 171Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 172Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 173Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 174Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 175Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 976 page
background image
Debug Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
94
Freescale Semiconductor
Recovery, which can be used to unsecure the device and thereby enable all debug features. The TDI input
of the SoC must be valid on the rising edge of the TCK clock, with the appropriate setup and hold
requirements. If the TDI signal is asserted based on the falling clock edge of TCK, and the maximum TCK
frequency is not exceeded, then the setup and hold requirements for TDI are guaranteed to be met.
Figure 8-4. JTAG TDI Routing
8.4.1.4
TDO Routing
The TDO signal is driven by one of many test logic sources (See Table 8-1). If no test logic source is
selected, the ARM7 will drive the TDO signal low.
Figure 8-5. JTAG TDO Routing
TDI
ipp_ind_tdi
PTI
Synch.
Logic
dbg_tdi_sync
dbg_tdi_platform
To ARM7/Nexus
0
1
1’b0
debug disabled
&
INTEST/Shift-DR
PTI Test Logic
ARM7 TDO
Nexus TDO
PTI TDO
SC0/1
Nexus
JTAG Test
1’b0
Selected
1
0
1
0
Register Selected
Selected
1
0
TDO
dbg_tdo
PTI
Nexus
ARM7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com