Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 171Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 172Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 173Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 174Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 175Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 176Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 177Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 178Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 976 page
background image
Debug External Pins
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
97
8.4.3
Debug Reset
See Section 6.4, “Debug Reset” for a complete description of debug logic resets.
8.5
Debug External Pins
8.6
Debug Bus Aborts
There is no bus interface to any of the debug logic.
8.7
Debug Differences from MAC71xx
See Section 11.7, “Nexus Differences from MAC71xx”.
8.8
Debug Application Usage
The Debug Mode of the system is completely determined by the Debug state of the ARM7 core. Therefore,
please refer to the ARM7 documentation for all of the possible ways for the ARM7 core to enter the debug
state.
Table 8-2. Debug External Pins
Pin
Description
TCK JTAG Input Clock. This pin provides the test clock input to synchronize the device’s test
logic. TCK is independent of the processor clock, and is used only as the reference clock
for the TMS, TDI and TDO pins. During and after a system reset, this pin will be configured
as an input with an internal pull-down active on this signal. This pull-down is implemented
using active elements, and is approximately equivalent to a 20KOhm resistor under typical
operating conditions.
TMS JTAG Input Mode Select. This pin is used to input the test mode to sequence the TAP
controller’s state machine. The pin is sampled on the rising edge of the TCK pin. During
and after a system reset, this pin will be configured as an input with an internal pull-up
active on this signal. This pull-up is implemented using active elements, and is
approximately equivalent to a 20KOhm resistor under typical operating conditions.
TDI JTAG Serial Data In. This serial pin is sampled in the device on the rising edge of the TCK
pin. During and after a system reset, this pin will be configured as an input with an internal
pull-up active on this signal. This pull-up is implemented using active elements, and is
approximately equivalent to a 20KOhm resistor under typical operating conditions.
TDO JTAG Serial Data Out. This pin is a three-state test data output pin that is actively driven in
the shift-IR and shift-DR controller states. The pin state changes on the falling edge of the
TCK pin. During and after a system reset, this pin will be configured as an output with
maximum slew rate enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com