Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 196 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 196 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 192Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 193Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 194Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 195Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 196Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 197Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 198Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 199Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 200Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 976 page
background image
Boot Assist Module (BAM) Memory Map
MAC7200 Microcontroller Family Reference Manual, Rev. 2
118
Freescale Semiconductor
9.14
Boot Assist Module (BAM) Memory Map
The BAM, unlike other resources, is not software relocatable in the system, and is always present at $A000
0000, regardless of chip mode. When JTAG Lockout Recovery is triggered, the BAM is mirrored to
address $0000 0000, and the Lockout Recovery firmware is executed after reset. Although it is generally
not used by the application, it is accessible in software at address $A000 0000.
9.15
Exception Table Memory Map
The ARM7 exception vector table is located at $0000 0000 to $0000 001F, and may not be relocated either
at reset or after reset. Please refer to Chapter 7, “Exceptions” for more details on exceptions.
$0000 7DF0
HBL Register Shadow
$0000 7DF8
SLL Register Shadow
$0000 7E00
PFCR2 (BIU2) Register Shadow
$0000 7E08
PFSACC (BIU3) Register Shadow
$0000 7E10
PFDACC (BIU4) Register Shadow
$0000 7E18
$0000 7FFF
Shadow Block (User Area)
1. This memory map is assuming a 32K Shadow Block. If the size of the Shadow Block
changes, the registers will move accordingly (i.e.-the registers are always placed at the
end of the Shadow Block in order to allow the maximum amount of contiguous user area
possible).
Table 9-17. Boot Assist Module (BAM) Memory Map
Address Offset
Function
$0000 0000
$1FFF FFFF
BAM
Table 9-18. Exception Table Memory Map
Address Offset
Function
$0000 0000
Reset exception
$0000 0004
Undefined Instruction exception
$0000 0008
Software Interrupt (SWI) exception
$0000 000c
Prefetch Abort exception
$0000 0010
Data Abort exception
$0000 0014
Reserved
Table 9-16. Shadow Block Memory Map1 (Continued)
Address Offset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com