Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 193 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 193 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 189Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 190Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 191Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 192Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 193Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 194Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 195Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 196Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 976 page
background image
FlexBus Memory Map
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
115
Because of the odd size of the SRAM (20KB) and the mirroring on a 32KB boundary, there will be a “hole”
in the upper 16KB of each mirrored 32KB where no reads or writes are allowed. Any write or read to this
hole will produce a bus abort. Please refer to Section 19.1.6.2, “SRAM Address Mirroring” for more
details on the mirroring in the SRAM controller.
The default base address for the SRAM is $4000 0000 and is not selectable during reset, but is software
selectable after reset.
9.11
FlexBus Memory Map
Like the Peripheral Bus modules, the FlexBus resides on a slave port of the AXBS, and therefore has a
movable base address on a 512MByte boundary. In addition, the FlexBus has 3 chip-selects, where each
chip select can select from 64KBytes to 512MBytes, and may overlap.
The default base address for the FlexBus depends on the chip mode selected (See Figure 9-1) and is
software selectable after reset. Note that in some modes, the Flexbus is not available in the memory map
(for security reasons).
9.12
Flash Main Array Memory Map
The Flash main array is relocatable on any 512 MByte boundary, including $0000 0000 (via the AAMR
register in the MCM). The reset location is $0000 0000 in Single Chip Mode, and $2000 0000 in Expanded
Chip and PBL Mode. The base address is software selectable in any chip mode. Note that in some modes,
the Flash Main Array is not available in the memory map (for security reasons).
$1FFF 0000
$1FFF 7FFF
SRAM
$1FFF 8000
$1FFF FFFF
SRAM
Table 9-13. FlexBus Memory Map
Address Offset
Function
$0000 0000
$1FFF FFFF
FlexBus
Table 9-12. SRAM Memory Map (Continued)
Address Offset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com