Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 189 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 189 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 185Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 186Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 187Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 188Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 189Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 190Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 191Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 192Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 976 page
background image
Secured Expanded Mode
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
111
done from the external bus, with limited device functionality. In this mode, the following functionality is
available:
•
Debug functionality (EICE, Nexus and the JTAG interface) is enabled
•
External Bus Interface is enabled
•
Flash main array access is disabled
•
Shadow Block access is disabled
•
Boot from the External Bus
Table 9-9 shows the device memory map of the device in secured expanded mode after Reset. The memory
map for this mode differs from the memory map in Normal Single Chip Mode as follows:
•
The External Bus Interface is relocated to address $0000 0000
•
The Flash Main Array is not available
•
The Shadow Block is not available
After Reset, the memory map may be re-mapped using the AAMR register in the MCM module. The
allowed combinations are shown in Table 9-10. The Peripheral space is always fixed at $FC00 0000, and
is not re-mappable.
Table 9-9. Device Memory Map in Secured Expanded Mode (After Reset)1
1. This reset memory map equates to a reset value of $f0d0 0b09 in the AAMR register in the MCM module.
Address
Module
Size
(Bytes)
$0000 0000 - $3FFF FFFF
External Bus Interface
512M
$4000 0000 - $4000 7FFF
$4000 0000 - $4000 4FFF
SRAM2
SRAM2
2. The SRAM is mirrored across the entire 512MByte address range on a 32K boundary. Therefore, the first word
in SRAM may be read from or written to using address $4000 0000 or address $4000 8000 or address $4001
0000, etc.
32K
20K
$4000 8000 - $FBFF FFFF
Reserved
3008M
$FC00 0000 - $FFFF FFFF
Peripheral Bus modules
64M
Table 9-10. Allowed Memory Maps in Secured Expanded Mode
$0000 0000
$2000 0000
$4000 0000
AAMR Register
External Bus
External Bus
SRAM
$f0d0 0b99
Unused
External Bus
SRAM
$f0d0 0b90
SRAM
External Bus
SRAM
$f0d0 0b9b
External Bus
Unused
SRAM
$f0d0 0b09
Unused
Unused
SRAM
$f0d0 0b00
SRAM
Unused
SRAM
$f0d0 0b0b
External Bus
SRAM
SRAM
$f0d0 0bb9
Unused
SRAM
SRAM
$f0d0 0bb0
SRAM
SRAM
SRAM
$f0d0 0bbb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com