Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 188 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 188 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 184Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 185Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 186Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 187Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 188Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 189Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 190Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 191Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 192Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 976 page
background image
Secured Primary Bootloader Mode
MAC7200 Microcontroller Family Reference Manual, Rev. 2
110
Freescale Semiconductor
After Reset, the memory map may be re-mapped using the AAMR register in the MCM module. The
allowed combinations are shown in Table 9-8. The Peripheral space is always fixed at $FC00 0000, and is
not re-mappable.
9.6
Secured Primary Bootloader Mode
Secured Primary Bootloader Mode is typically used to execute application code in the final application,
where a software bootloader is required. Booting is done from the Shadow Block, with limited device
functionality. Secured Primary Bootloader Mode is identical to Normal Primary Bootloader Mode, except
that debug functionality (EICE, Nexus and the JTAG interface) is disabled and the FlexBus is turned off.
Please refer to Section 9.3, “Normal Primary Bootloader Mode” for the functionality available and the
memory map.
9.7
Secured Expanded Mode
Secured Single Expanded Mode is typically used to execute application code in the final application,
where on-chip Flash is not required. Alternatively, it is also used to unsecure secured devices. Booting is
Table 9-7. Device Memory Map in Secured Single Chip Mode (After Reset)1
1. This reset memory map equates to a reset value of $f0d0 0b08 in the AAMR register in the MCM module.
Address
Module
Size
(Bytes)
$2000 0000 - $2007 FFFF
$2000 0000 - $2004 FFFF
Flash Main Array (MAC72x1)
Flash Main Array (MAC72x2)
512K
320K
$00F0 0000 - $00F0 7FFF
Shadow Block
32K
$0008 0000 - $3FFF FFFF
Reserved
~1023M
$4000 0000 - $4000 7FFF
$4000 0000 - $4000 4FFF
SRAM2
SRAM2
2. The SRAM is mirrored across the entire 512MByte address range on a 32K boundary. Therefore, the first
word in SRAM may be read from or written to using address $4000 0000 or address $4000 8000 or address
$4001 0000, etc.
32K
20K
$4000 8000 - $FBFF FFFF
Reserved
3008M
$FC00 0000 - $FFFF FFFF
Peripheral Bus modules
64M
Table 9-8. Allowed Memory Maps in Secured Single Chip Mode
$0000 0000
$2000 0000
$4000 0000
AAMR Register
Unused
Flash Main Array
SRAM
$f0d0 0b80
SRAM
Flash Main Array
SRAM
$f0d0 0b8b
Flash Main Array
Unused
SRAM
$f0d0 0b08
Unused
Unused
SRAM
$f0d0 0b00
SRAM
Unused
SRAM
$f0d0 0b0b
Flash Main Array
SRAM
SRAM
$f0d0 0bb8
Unused
SRAM
SRAM
$f0d0 0bb0
SRAM
SRAM
SRAM
$f0d0 0bbb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com