Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7200 Datasheet(PDF) 186 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 186 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 182Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 183Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 184Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 185Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 186Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 187Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 188Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 189Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 976 page
background image
Normal Expanded Mode
MAC7200 Microcontroller Family Reference Manual, Rev. 2
108
Freescale Semiconductor
9.4
Normal Expanded Mode
Normal Expanded Mode is typically used to debug and develop application code from an external memory.
Booting is done from the external bus, and all functionality is available. The advantage of debugging code
from an external memory (versus the internal Flash Main Array), is that software breakpoints may be
inserted without the added burden of re-programming the Flash Main Array. In this mode, the following
functionality is available:
•
Debug functionality (EICE, Nexus and the JTAG interface) is enabled
•
External Bus Interface is enabled
•
Flash main array access is enabled
•
Shadow Block access is enabled
•
Boot from the External Bus
Table 9-5 shows the device memory map of the device in Normal Expanded Mode after Reset. The
memory map for this mode differs from the memory map in Normal Single Chip Mode as follows:
•
The External Bus Interface is relocated to address $0000 0000
•
The Flash Main Array is relocated to address $2000 0000
Table 9-4. Allowed Memory Maps in Normal Primary Bootloader Mode
$0000 0000
$2000 0000
$4000 0000
AAMR Register
Unused
Flash Main Array
SRAM
$f0d0 0b80
SRAM
Flash Main Array
SRAM
$f0d0 0b8b
Flash Main Array
Unused
SRAM
$f0d0 0b08
Unused
Unused
SRAM
$f0d0 0b00
SRAM
Unused
SRAM
$f0d0 0b0b
Flash Main Array
SRAM
SRAM
$f0d0 0bb8
Unused
SRAM
SRAM
$f0d0 0bb0
SRAM
SRAM
SRAM
$f0d0 0bbb
Table 9-5. Device Memory Map in Normal Expanded Mode (After Reset)1
1. This reset memory map equates to a reset value of $f0d0 0b89 in the AAMR register in the MCM module.
Address
Module
Size
(Bytes)
$0000 0000 - $1FFF FFFF
External Bus Interface
512M
$2000 0000 - $2007 FFFF
$2000 0000 - $2004 FFFF
Flash Main Array (MAC72x1)
Flash Main Array (MAC72x2)
512K
320K
$20F0 0000 - $20F0 7FFF
Shadow Block
32K
$2008 0000 - $3FFF FFFF
Reserved
~511M
$4000 0000 - $4000 7FFF
$4000 0000 - $4000 4FFF
SRAM2
SRAM2
32K
20K
$4000 8000 - $FBFF FFFF
Reserved
3008M
$FC00 0000 - $FFFF FFFF
Peripheral Bus modules
64M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com